Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7571 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7571
Description  STPDACsw - Fully digital high efficiency power audio amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7571 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7571 Datasheet HTML 5Page - STMicroelectronics TDA7571 Datasheet HTML 6Page - STMicroelectronics TDA7571 Datasheet HTML 7Page - STMicroelectronics TDA7571 Datasheet HTML 8Page - STMicroelectronics TDA7571 Datasheet HTML 9Page - STMicroelectronics TDA7571 Datasheet HTML 10Page - STMicroelectronics TDA7571 Datasheet HTML 11Page - STMicroelectronics TDA7571 Datasheet HTML 12Page - STMicroelectronics TDA7571 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
TDA7571
Electrical specifications
9/21
Clip detector
Vcd
Clip detector pin operating
voltage (open drain)
10
V
CDl
Clip detector pin leakage current
CD off
1
μA
CDs
Clip detector pin saturation voltage CD on, 1mA
1
V
CDi
Clip detector THD intervention
CDsel1=0, CDsel2=0
(near clipping detection)
0.5
%
CDsel1=0, CDsel2=1
1
%
CDsel1=1, CDsel2=0
5
%
CDsel1=1, CDsel2=1
8
%
Protections
Thwc
Chip thermal warning
intervention
135
150
165
°C
Tsdc
Thermal shut-down chip
145
160
175
°C
Tsdch
Thermal shut-down chip
hysteresis
710
13
°C
Thws
External thermal warning
intervention
5Vdig
x 0.45
5Vdig
x 0.48
5Vdig
x 0.51
V
Tsds
External shut-down intervention
5Vdig
x 0.37
5Vdig
x 0.4
5Vdig
x 0.43
V
Tsdsh
External thermal shut-down
hysteresis
5Vdig
x 0.037
5Vdig
x 0.04
5Vdig
x 0.043
V
Vpp
Protection intervention voltage
Pchannel (Vspx1-Vspx2)
85
100
120
mV
Vpn
Protection intervention voltage
Nchannel (Vsnx2-Vsnx1)
85
100
120
mV
Ispx1
Current input pins 7, 13
150
200
260
μA
Isnx1
Current output pins 7, 13
150
200
260
μA
Drivers
Vhgp
High level output voltage (Gpl, Gpr)
+Vs
-10
V
Vlgp
Low level output voltage (Gpl, Gpr)
+Vs
V
Vhgn
High level output voltage (Gnl, Gnr)
-Vs
V
Vlgn
Low level output voltage (Gnl, Gnr)
-Vs
+10
V
Ihgp
High level output sink current
(Gpl, Gpr, peak)
2.2
A
Table 5.
Electrical characteristics (continued)
(VS = ±25V, RL = 4Ω, f = 1kHz, Tj = 25°C, FS = 44.1kHz, Single-Ended, application circuit shown
in Figure 3, 2 x 65W/1 x 130W system, unless otherwise specified.)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com