Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7571 Datasheet(PDF) 17 Page - STMicroelectronics

Part # TDA7571
Description  STPDACsw - Fully digital high efficiency power audio amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7571 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TDA7571 Datasheet HTML 13Page - STMicroelectronics TDA7571 Datasheet HTML 14Page - STMicroelectronics TDA7571 Datasheet HTML 15Page - STMicroelectronics TDA7571 Datasheet HTML 16Page - STMicroelectronics TDA7571 Datasheet HTML 17Page - STMicroelectronics TDA7571 Datasheet HTML 18Page - STMicroelectronics TDA7571 Datasheet HTML 19Page - STMicroelectronics TDA7571 Datasheet HTML 20Page - STMicroelectronics TDA7571 Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
TDA7571
Functions, pins and components description
17/21
4.8
External connections description
4.8.1
CD, THWEXT, THWINT
These pins, if used, it must be connected to a pull-up resistor (>10kOhm) connected to a
supply voltage referred to the receiver device (as example, a µP).
Maximum voltage = 6V.
4.8.2
MUTE
Mute pin
4.8.3
ST-BY - St-By pin.
To avoid pop noise due to multiple ST-BY parasitic pulses, an R-C network must be added
(as example 47kOhm, 0.1µF)
4.8.4
+Vs-low -
This pin supply the low voltage circuits. It can be connected to the +Vs or to a reference
voltage comprising between 12V to +Vs.
A connection to +Vs through a 100Ohm resistor, together a 1uF capacitor placed from +Vs-
low and GND is possible too.
4.8.5
DATA, SEL, SCK
I2S digital inputs
4.8.6
MCLK
Master clock input. Must be F(MCLK) = 256 x Fs (11289.6kHz in case of Fs = 44.1 kHz)
4.8.7
DGND
Digital ground
4.8.8
BRIDGE and L/R
With this pin, the mode of working of the device (bridge or single-ended) can be selected.
If it is connected to the pin 32 (DGND) the device works in single-ended mode
If it is connected to the pin 40 (5Vdig) the device works in bridge mode.
In case of bridge mode, the pin 34 (L/R) makes the channel selection. If connected to
DGND, the Left channel is selected. If connected to 5Vdig, is selected the Right channel.
These pins must be selected with the device in ST-BY condition.
In case of single-ended operation, it is suggested to put the L/R pin at 5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com