Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7571 Datasheet(PDF) 14 Page - STMicroelectronics

Part # TDA7571
Description  STPDACsw - Fully digital high efficiency power audio amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7571 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TDA7571 Datasheet HTML 10Page - STMicroelectronics TDA7571 Datasheet HTML 11Page - STMicroelectronics TDA7571 Datasheet HTML 12Page - STMicroelectronics TDA7571 Datasheet HTML 13Page - STMicroelectronics TDA7571 Datasheet HTML 14Page - STMicroelectronics TDA7571 Datasheet HTML 15Page - STMicroelectronics TDA7571 Datasheet HTML 16Page - STMicroelectronics TDA7571 Datasheet HTML 17Page - STMicroelectronics TDA7571 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Functions, pins and components description
TDA7571
14/21
4
Functions, pins and components description
4.1
Short circuit protection current calculation
Figure 5.
Short circuit protection current diagram
← if Rp2 is not used
4.2
External thermal protection network
The purpose of this function is to sense critical points of the amplifier system, as example
the heatsink of the power transistors, avoiding too high temperature.
Through the external thermal warning pin (THWEXT, pin 37), a signal useful to reduce the
power dissipation reducing (as example) the output power and/or, in a system provided of
regulated power supply, reducing the voltage supply of the amplifier (±VS) is present.
Example of external thermal protection circuitry
●
Components:
–
type: B57621 C621/100k/+
–
Text = 10K
●
Results (simulations):
–
External thermal warning temperature intervention: 90 °C
–
External thermal shut down temperature intervention: 100 °C
–
External thermal shut down hysteresis: 6°C
Cfil (typ 2.2nF)
to -Vs
Rsens
(not inductive resistor)
Typ. Values = 10 – 30 mOhm
Rfil (typ. 100 Ohm)
Rp1 (typ=4.7kOhm)
Rp2
Vrfil = Ispx1 x Rfil = 20mV Typ
SPx1 pin
SPx2 pin
TDA7571
Vp=100mV Typ
comparator
Imos
I
lim
1
Rsens
------------------ Vpx
Rp1
Rp2
+
()
⋅
Rp2
--------------------------------------------------
Vfil
+
⎝⎠
⎛⎞
=
I
lim
1
Rsens
------------------ Vpx
Vfil
+
()
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com