Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7571 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA7571
Description  STPDACsw - Fully digital high efficiency power audio amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7571 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA7571 Datasheet HTML 3Page - STMicroelectronics TDA7571 Datasheet HTML 4Page - STMicroelectronics TDA7571 Datasheet HTML 5Page - STMicroelectronics TDA7571 Datasheet HTML 6Page - STMicroelectronics TDA7571 Datasheet HTML 7Page - STMicroelectronics TDA7571 Datasheet HTML 8Page - STMicroelectronics TDA7571 Datasheet HTML 9Page - STMicroelectronics TDA7571 Datasheet HTML 10Page - STMicroelectronics TDA7571 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
TDA7571
Electrical specifications
7/21
3
Electrical specifications
3.1
Absolute maximum ratings
3.2
Thermal data
3.3
Electrical characteristics
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
±Vs
Operating supply voltage
±30
V
Tj
Junction temperature, operating range
-40 to 150
°C
Tstg
Storage temperature, operating range
-55 to 150
°C
Table 4.
Thermal data
Symbol
Parameter
Value
Unit
Rth j-case Thermal resistance junction to case
3
°C/W
Table 5.
Electrical characteristics
(VS = ±25V, RL = 4Ω, f = 1kHz, Tj = 25°C, FS = 44.1kHz, Single-Ended, application circuit shown
in Figure 3, 2 x 65W/1 x 130W system, unless otherwise specified.)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
±VS
Operating supply voltage
±12
±30
V
Iq
Quiescent supply current
Vst-by = 5V
from +VS
25
mA
Vst-by = 5V
from +VS-low
20
mA
Vst-by = 5V
from -VS
25
mA
Ist-by
Quiescent supply current
Vst-by = 0
from +VS
0.3
mA
Vst-by = 0
from +VS-low
0.2
mA
Vst-by = 0
from -VS
0.3
mA
Vos
Output offset voltage
Output-GND (single-ended)
250
mV
Vos
Output offset voltage
Output L - Output R (bridge)
250
mV
Po
Output power
Single-ended, @ THD = 1%
2 x 70W system
70
W
Po
Output power
Bridge, @ THD = 1%
1 x 250W system
250
W
Pd
Power dissipation of the
TDA7571
@ Pout = 25 W, bridge
configuration
1.75
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com