Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7571 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDA7571
Description  STPDACsw - Fully digital high efficiency power audio amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7571 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDA7571 Datasheet HTML 6Page - STMicroelectronics TDA7571 Datasheet HTML 7Page - STMicroelectronics TDA7571 Datasheet HTML 8Page - STMicroelectronics TDA7571 Datasheet HTML 9Page - STMicroelectronics TDA7571 Datasheet HTML 10Page - STMicroelectronics TDA7571 Datasheet HTML 11Page - STMicroelectronics TDA7571 Datasheet HTML 12Page - STMicroelectronics TDA7571 Datasheet HTML 13Page - STMicroelectronics TDA7571 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Electrical specifications
TDA7571
10/21
Ilgp
Low level output source current
(Gpl, Gpr, peak)
2.7
A
Ihgn
High level output sink current
(Gnl, Gnr, peak)
2.5
A
Ilgn
Low level output source current
(Gnl, Gnr, peak)
1.7
A
Internal power supply
5Vdig
5Vdig pin output voltage
Reference: dgnd pin
5
V
2.5V
2.5V pin output voltage
Reference: sgnd pin
2.5
V
-2.5V
-2.5V pin output voltage
Reference: sgnd pin
-2.5
V
Vref1
Vref1 pin output voltage
Reference: + Vs pin
-10
V
Vrefl/Vrefr Vrefl, Vrefr pin output voltage
Reference: - Vs pin
10
V
Table 5.
Electrical characteristics (continued)
(VS = ±25V, RL = 4Ω, f = 1kHz, Tj = 25°C, FS = 44.1kHz, Single-Ended, application circuit shown
in Figure 3, 2 x 65W/1 x 130W system, unless otherwise specified.)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com