Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW3526 Datasheet(PDF) 2 Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

Part # SW3526
Description  Charging solution supporting PD and multiple fast-charging protocols
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISMARTWARE [ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD]
Direct Link  https://www.ismartware.com/
Logo ISMARTWARE - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

SW3526 Datasheet(HTML) 2 Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

  SW3526 Datasheet HTML 1Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3526 Datasheet HTML 2Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3526 Datasheet HTML 3Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3526 Datasheet HTML 4Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3526 Datasheet HTML 5Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3526 Datasheet HTML 6Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3526 Datasheet HTML 7Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3526 Datasheet HTML 8Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3526 Datasheet HTML 9Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
SW3526
支持 PD 的多快充协议充电解决方案
Copyright © 2022, ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD.
May, 2022 - DS058_v1.3
- 2 - 页 共 14 页
4. 功能框图
Buck
Module
22uH
10mΩ
220uF
100uF
10uF
BST
VIN
SW
CSP
CSN
VDD
Internal
Power
VDRV
VIN Port
VIN
GND
VBUS
DM
DP
GND
EPAD
1uF
0.1uF
CC1
CC2
CC1
CC2
Type-C
DM
DP
0.1uF
22uF
Fast
Charge
Protocol
FLED
PWR_LED
2K
2K
330pF
330pF
VOUT
Rcs
I2C
SCK
SDA
MCU
CC1
CC1
CC2
CC2
DP
DP
DM
DM
FLED
VDRV
VDRV
Rpset
PSET
GATE
Type-C 口输出
Buck
Module
22uH
10mΩ
220uF
100uF
10uF
BST
VIN
SW
CSP
CSN
VDD
Internal
Power
VDRV
VIN Port
VIN
GND
EPAD
1uF
0.1uF
0.1uF
22uF
Fast
Charge
Protocol
FLED
PWR_LED
2K
2K
VOUT
Rcs
I2C
SCK
SDA
MCU
CC1
CC1
CC2
DP
DP
DM
DM
FLED
VDRV
VDRV
Rpset
PSET
GATE
Type-A
DM
DP
VBUS
GND
DM
DP
5.1K
Type-A 口输出



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com