Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW3526 Datasheet(PDF) 1 Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

Part # SW3526
Description  Charging solution supporting PD and multiple fast-charging protocols
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISMARTWARE [ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD]
Direct Link  https://www.ismartware.com/
Logo ISMARTWARE - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

SW3526 Datasheet(HTML) 1 Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

  SW3526 Datasheet HTML 1Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3526 Datasheet HTML 2Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3526 Datasheet HTML 3Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3526 Datasheet HTML 4Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3526 Datasheet HTML 5Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3526 Datasheet HTML 6Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3526 Datasheet HTML 7Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3526 Datasheet HTML 8Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3526 Datasheet HTML 9Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
SW3526
支持 PD 的多快充协议充电解决方案
Copyright © 2022, ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD.
May, 2022 - DS058_v1.3
- 1 - 页 共 14 页
支持
PD 的多快充协议充电解决方案
1. 概述
SW3526 是一款高集成度的多快充协议充电芯片,支持 C 口或 A 口输出,其集成了 3.5A
高效率同步降压变换器,支持
PPS/PD/QC/AFC/FCP/SCP/PE/SFCP 等多种快充协议以及 CC/CV
模式。外围只需少量的器件,即可组成完整的高性能多快充协议充电解决方案。
2. 应用领域
• 车充
• 适配器
• 插排
3. 规格
• 同步降压变换器
➢ 输出电流高达 3.5A
➢ 输入电压范围 6~35V
➢ 支持 CC/CV 模式
➢ 支持线损补偿
• 快充协议
➢ 支持 PPS/PD3.0/PD2.0
➢ 支持 QC4+/QC4/QC3.0/QC2.0
➢ 支持 AFC
➢ 支持 FCP
➢ 支持低压 SCP/高压 SCP
➢ 支持 PE2.0/PE1.1
➢ 支持 SFCP
• Type-C 接口
➢ 内置 USB Type-C 接口逻辑
➢ 支持 DFP/Source 角色
• BC1.2 模块
➢ 支持 BC1.2 DCP 模式
➢ 支持苹果/三星模式
• 快充指示灯
➢ 内置快充指示灯驱动
• 保护机制
➢ 软启动
➢ 输入过压保护
➢ 输入欠压保护
➢ 输出过流保护
➢ 输出短路保护
➢ 过温保护
• I2C 接口
• QFN-24(4x4mm) 封装


Similar Part No. - SW3526

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
SW3521-VI TTELEC-SW3521-VI Datasheet
344Kb / 2P
UNITED KINGDOM 3-PIN PLUG-IN POWER SUPPLY 15VDC7.58WATT
23/06/2020
More results

Similar Description - SW3526

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
34825 FREESCALE-34825 Datasheet
1Mb / 39P
Micro-USB Interface IC Supporting Universal Charging Solution and Wired Accessories
logo
Injoinic Technology Co....
IP2161 INJOINIC-IP2161 Datasheet
1Mb / 9P
Integrated 7 protocols for fast charging protocol ICs for USB ports
IP2703 INJOINIC-IP2703 Datasheet
897Kb / 11P
Integrated 10 protocols for fast charging protocol ICs for USB ports
IP2705 INJOINIC-IP2705 Datasheet
905Kb / 11P
Integrated 10 protocols for fast charging protocol ICs for USB ports
IP5328P INJOINIC-IP5328P Datasheet
2Mb / 27P
Mobile power SOC supporting multiple protocols such as bidirectional PD3.0 fast charging
logo
Shenzhen Tianyuan Semic...
TP1001 TPOWER-TP1001 Datasheet
518Kb / 6P
Interface control chip supporting QC2.0 fast charging protocol
logo
Shenzhen Huazhimei Semi...
HM1596A HMSEMI-HM1596A Datasheet
1,008Kb / 14P
18W PD output, integrated multiple fast charging output protocols
logo
Ultralife Corporation.
CH0006 ULTRALIFE-CH0006 Datasheet
184Kb / 2P
Vehicle charging solution
02 MAY 17 Rev: F
logo
Injoinic Technology Co....
IP5332 INJOINIC-IP5332 Datasheet
2Mb / 24P
Support bidirectional PD3.0 fast charging and other mobile power SOC with multiple protocols
Version 0.2 2015
IP6520 INJOINIC-IP6520 Datasheet
821Kb / 16P
20 W PD output integrates multiple fast charging output protocols
V1.5 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com