Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW3526 Datasheet(PDF) 3 Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

Part # SW3526
Description  Charging solution supporting PD and multiple fast-charging protocols
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISMARTWARE [ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD]
Direct Link  https://www.ismartware.com/
Logo ISMARTWARE - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

SW3526 Datasheet(HTML) 3 Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

  SW3526 Datasheet HTML 1Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3526 Datasheet HTML 2Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3526 Datasheet HTML 3Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3526 Datasheet HTML 4Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3526 Datasheet HTML 5Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3526 Datasheet HTML 6Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3526 Datasheet HTML 7Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3526 Datasheet HTML 8Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3526 Datasheet HTML 9Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
SW3526
支持 PD 的多快充协议充电解决方案
Copyright © 2022, ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD.
May, 2022 - DS058_v1.3
- 3 - 页 共 14 页
5. 引脚定义及功能描述
5.1. 引脚定义
CSP
1
2
3
4
5
6
18
17
16
15
14
13
SW3526
EPAD
SW
SW
SW
SW
SW
CC1
NC
VIN
VIN
VIN
VIN
5.2. 引脚描述
Pin
Name
Function Description
1
CSP
输出电流检测正端及输出电压检测端。
2, 3, 4, 5, 6
SW
开关节点。
7
BST
N 管驱动 Bootstrap 引脚。
8
SDA
I2C 数据信号。
9
SCK
I2C 时钟信号。
10
VDRV
驱动电源,接
1uF 滤波电容,外部设备可从此电源抽
电。
11
VDD
内部工作电源,不能接滤波电容,外部设备不能从此电
源抽电,将此引脚悬空。
12
PSET
输出功率设置引脚,通过精度为
1%的对地电阻设置输
出功率,不能悬空。
13, 14, 15, 16
VIN
输入电源。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com