Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW3526 Datasheet(PDF) 5 Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

Part # SW3526
Description  Charging solution supporting PD and multiple fast-charging protocols
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISMARTWARE [ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD]
Direct Link  https://www.ismartware.com/
Logo ISMARTWARE - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

SW3526 Datasheet(HTML) 5 Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

  SW3526 Datasheet HTML 1Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3526 Datasheet HTML 2Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3526 Datasheet HTML 3Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3526 Datasheet HTML 4Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3526 Datasheet HTML 5Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3526 Datasheet HTML 6Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3526 Datasheet HTML 7Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3526 Datasheet HTML 8Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3526 Datasheet HTML 9Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
SW3526
支持 PD 的多快充协议充电解决方案
Copyright © 2022, ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD.
May, 2022 - DS058_v1.3
- 5 - 页 共 14 页
8. 电气特性
(VIN = 12V, TA = 25°C, 除特别说明。)
Parameters
Symbol
Test Conditions
MIN
TYP
MAX
UNIT
供电电源
VIN 输入电源
VIN
5
32
V
VIN 输入欠压门限
VIN_UVLO
VIN 输入电压下降
5.2
5.3
5.4
V
VIN 输入欠压门限迟滞
VIN_UVLO_HYS
VIN 输入电压上升
0.4
0.6
0.8
V
VIN 输入过压门限
VIN_OVP
VIN 输入电压上升
29.6
30.8
32
V
VIN 输入过压门限迟滞
VIN_OVP_HYS
VIN 输入电压下降
0.4
0.8
1.2
V
VDRV 输出电压
VDRV
VIN=12V
4.9
5
5.1
V
VDRV 输出电流
IDRV
VIN=12V
50
mA
VDD 输出电压
VDD
VIN=12V
4.9
5
5.1
V
空载电流
IQ
VIN=12V, IOUT=0mA
2
4
mA
降压变换器
开关频率
FCHG
110
125
140
KHz
输出电压
VOUT
VOUT=5V, IOUT=0V
5.0
5.1
5.2
V
VOUT=9V, IOUT=0V
8.9
9.1
9.3
V
VOUT=12V, IOUT=0V
11.9
12.1
12.3
V
VOUT=15V, IOUT=0V
14.8
15.1
15.4
V
VOUT=20V, IOUT=0V
19.8
20.1
20.4
V
CC 限流电流
ICC
RCS=10mΩ
3.0
3.3
3.6
A
线损补偿
VOUT_WDC
RCS=10mΩ
200
mV
NMOS 上管
RDSON_H
28
30
34
NMOS 下管
RDSON_L
18
20
24
Type-C 接口
CC 管脚输出电流
ICC_SOURCE
Power Level=3.0A
310
330
350
uA
BC1.2
DP/DM 电压
DP
Apple 2.4A Mode
2.55
2.7
2.85
V
DM
Apple 2.4A Mode
2.55
2.7
2.85
V
PE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com