Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW3526 Datasheet(PDF) 4 Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

Part # SW3526
Description  Charging solution supporting PD and multiple fast-charging protocols
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISMARTWARE [ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD]
Direct Link  https://www.ismartware.com/
Logo ISMARTWARE - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

SW3526 Datasheet(HTML) 4 Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

  SW3526 Datasheet HTML 1Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3526 Datasheet HTML 2Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3526 Datasheet HTML 3Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3526 Datasheet HTML 4Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3526 Datasheet HTML 5Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3526 Datasheet HTML 6Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3526 Datasheet HTML 7Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3526 Datasheet HTML 8Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3526 Datasheet HTML 9Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
SW3526
支持 PD 的多快充协议充电解决方案
Copyright © 2022, ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD.
May, 2022 - DS058_v1.3
- 4 - 页 共 14 页
17
NC
悬空。
18
CC1
Type-C 配置通道 1。
19
CC2
Type-C 配置通道 2。
20
DP
Type-C 口 DP 信号。
21
DM
Type-C 口 DM 信号。
22
FLED
快充指示。
23
GATE
Type-C 口通路控制。
24
CSN
输出电流检测负端。
EPAD
散热
PAD,接地。
6. 极限参数
Parameters
Symbol
MIN
MAX
UNIT
输入电压
VIN
-0.3
35
V
输出电压
CSP/CSN
-0.3
22
V
SW 管脚电压
SW
-0.3
35
V
BST 管脚电压
BST-SW
-0.3
6
V
通路控制电压
GATE
-0.3
27
V
CC1/CC2/DP/DM 管脚电
CC1/CC2/DP/DM
-0.3
25
V
其它管脚电压
-0.3
6
V
结温
-40
+150
°C
存储温度
-60
+150
°C
ESD(HBM)
-4
+4
KV
【备注】超过此范围的电压电流及温度等条件可能导致器件永久损坏。
7. 推荐参数
Parameters
Symbol
MIN
Typical
MAX
UNIT
输入电压
VIN
5
32
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com