Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A22Z-R25 Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # A22Z-R25
Description  Emergency Stop Switch (22-dia./25-dia.)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22Z-R25 Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button A22Z-R25 Datasheet HTML 3Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 4Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 5Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 6Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 7Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 8Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 9Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 10Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
A22E
7
Accessories (Order Separately)
Item
Appearance
Classification
Model
Remarks
Switch Blocks
1NO
Standard load A22-10
Provided as standard.
Order Switch Blocks only when adding
or replacing them.
Microload
A22-10S
1NC
Standard load A22-01
Microload
A22-01S
2NO (1NO + 1NO),
one-piece
Standard load A22-20
Order Switch Blocks only when adding
or replacing them.
Microload
A22-20S
2NC (1NC + 1NC),
one-piece
Standard load A22-02
Microload
A22-02S
Lamp Sockets
Direct lighting
A22-TN
Used when changing the lighting
method.
Voltage-
reduction
lighting
100 VAC
A22-T1
200 VAC
A22-T2
Mounting Latches
---
A22-3200
Provided as standard.
Order Mounting Latches only when
mounting Switch Blocks or Lamp
Sockets that are purchased individually.
Legend Plates for
Emergency Stop
60-dia. black letters on yellow
back-ground
A22Z-3466-1
“EMERGENCY STOP” is indicated on
the plate.
*2
90-dia. black letters on yellow
back-ground
A22Z-3476-1
60-dia. black letters on yellow
back-ground
A22Z-3466-2
“EMERGENCY OFF” is indicated on the
plate.
Hole Plug
Round
A22Z-3530
Can be plugged into pre-cut panel holes
for future expansion. The color is black.
Connectors
Applicable
cable diameter
7 to 9 dia.
A22Z-3500-1
Plastic connector used to extend a cable
from the Switch Box.
9 to 11 dia.
A22Z-3500-2
25-dia. Ring
---
A22Z-R25
Can be fit into a 25-dia. hole in the panel.
Since this is not attached to the main body,
order separately. (Refer to page 15.)
30-dia. Resin Attachment
---
A22Z-A30
Can be fit into a 30-dia. hole in the panel.
(Refer to page 15.)
Lock Plate
---
A22Z-3380
Use to fix the lever on the Switch.
Control Boxes
(Enclosures)
One hole, yellow box
(for emergency stop)
A22Z-B101Y
Material: Polycarbonate resin
*2
Operation Keys
---
A22K-K
Two keys are provided.
Lock Ring
Rounded shape
A22Z-3360
The body is equipped with a Lock
Fitting. This Lock Fitting is used when a
more secure lock feature is required.
Lamp Extractor
---
A22Z-3901
Rubber tool used to replace Lamps
easily
Tightening Tool
---
A22Z-3905
Tool used to tighten rings from the back of
the panel and to attach caps to lighted
models.
E-stop Shroud for EMO,
Yellow
---
A22Z-EG1
Provides SEMI-S2/SEMATECH
Application Guide for SEMI-S2
compatibility. The SEMI-S2-compatible
Shroud and legend plate for
EMERGENCY OFF come as a set. Use
with an A22E Emergency Stop Switch.
(for emergency shutoff)
*1 *2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com