Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A22Z-R25 Datasheet(PDF) 13 Page - Omron Electronics LLC

Part # A22Z-R25
Description  Emergency Stop Switch (22-dia./25-dia.)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22Z-R25 Datasheet(HTML) 13 Page - Omron Electronics LLC

Back Button A22Z-R25 Datasheet HTML 9Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 10Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 11Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 12Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 13Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 14Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 15Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 16Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 17Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
A22E
13
Portion B
38
C-C
71.2 max.
Panel
2-Pole Swich Unit
Swith Mounting Dimension 2.5
+0.5
-1.5
E-stop Shroud
A22Z-EG3
Legend Plate
(Provided with the Switch Guard)
Rubber Packing
(t=0.5, Rubber Packing)
E-Stop Shroud
2.8
C
C
90 dia.
20.5
38
C-C
78 min.
22.2 dia.
52.2 max.
Panel
Switch Mounting Dimension
Panel
Locking Ring
(Rubber Packing)
Mounting Nut
(Provided with the Operation Unit)
(Determined by the height of the
Switch surface in the lock position.)
Panel Cutout Dimensions
Allowable panel thickness: 1 to 3 mm
1.7R
22.3 dia.
24.2
±0.2
+0.1
0
+0.4
0
2.5
+0.5
-1.5
Rubber Packing
(t=0.5, Rubber Packing)
Set model number
A22Z-EG3
Portion A:
Indented part
1-Pole Swich Unit
Note: 1. The dimensions of the
Shroud conform to the
specifications of the
SEMATECH
Application Guide for
SEMI S2-93.
2. The Shroud is not
provided with the
Switch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com