Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A22Z-R25 Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # A22Z-R25
Description  Emergency Stop Switch (22-dia./25-dia.)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22Z-R25 Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button A22Z-R25 Datasheet HTML 4Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 5Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 6Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 7Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 8Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 9Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 10Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 11Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
A22E
*1. These Shrouds are for use with the equipment only that conforms to SEMI standards. Do not use them for any other applications (e.g.
emergency stop switches for machines or devices such as Machine tools, Printing presses, Industrial machinery, etc).
*2. The A22-B101Y cannot be used in combination with the A22Z-3476-1 and the A22Z-EG@.
Note: 1. Accessories for A22Z-EG1: one “EMERGENCY OFF” label, two rubber washers, and one lock ring
2. Accessories for A22Z-EG10: one rubber washer and one lock ring (without label)
Specifications
Certified Standard Ratings
• UL, cUL (File No.E41515)
6A at 220 VAC, 10 A at 110 VAC
• TÜV (EN60947-5-1) (Low Voltage Directive)
3 A at 220 VAC
• CCC (GB14048.5)
3 A at 240 VAC, 1.5 A at 24 VDC
Certified Standards
Note: Only models with NC contacts have a direct opening mechanism.
*1. UL-certification for CSA C22.2 No. 14 has been obtained. Certification
has been obtained for the Switch Unit and the Lamp Socket.
*2. Some models have been certified.
Ratings
Contacts (Standard Load)
Note: 1. Rated current values are determined according to the
testing conditions. The above ratings were obtained by
conducting tests under the following conditions.
(1) Ambient temperature: 20
°±2°C
(2) Ambient humidity: 65
±5%
(3) Operating frequency: 20 operations/minute
2. Minimum applicable load: 10 mA at 5 VDC
LED Indicators without Voltage Reduction Unit
Item
Appearance
Classification
Model
Remarks
E-stop Shroud for EMO,
Yellow
Legend plate for
EMERGENCY OFF is not
included.
A22Z-EG10
Provides SEMI-S2/SEMATECH
APPLICATION GUIDE FOR SEMI S2
compatibility. Use with an A22E with
EMO indication. (for emergency off)
*2
E-stop Shroud for EMS,
White
---
A22Z-EG1-W
Provides SEMI-S2/SEMATECH
Application Guide for SEMI-S2
compatibility. The SEMI-S2-compatible
Shroud and legend plate for
EMERGENCY STOP come as a set.
Use with an A22E Emergency Stop
Switch. (for emergency stop)
*1*2
E-stop Shroud for EMS,
White
Legend plate for
EMERGENCY STOP is not
included.
A22Z-EG10-W
Provides SEMI-S2/SEMATECH
APPLICATION GUIDE FOR SEMI S2
compatibility. Use with an A22E with EMS
indication. (for emergency stop)
*2
E-stop Shroud, Yellow
Spacer Unit is not included.
A22Z-EG2
SEMI-S2/SEMATECH Application
Guide for SEMI S2-compatible Shroud.
(for emergency shutoff)
*1*2
Use together with an A22E Emergency
Stop Switch.
One Spacer Unit is included.
A22Z-EG21
Two Spacer Units are included. A22Z-EG22
E-stop Shroud for EMO,
Yellow
---
A22Z-EG3
Provides SEMI-S2/SEMATECH
Application Guide for SEMI-S2
compatibility. The SEMI-S2-compatible
Shroud and legend plate for
EMERGENCY OFF come as a set. Use
with an A22E Emergency Stop Switch.
(for emergency shutoff)
*1 *2
Certification
body
Standards
File No.
UL
*1
UL508, C22.2 No.14
E41515
TÜV SÜD
EN60947-5-1,
EN60947-5-5
(certified direct opening)
Consult your OMRON
representative for details.
CQC (CCC)
GB14048.5
2003010303070635
KOSHA
*2
EN60947-5-1
Consult your OMRON
representative for details.
Rated
carry
current
(A)
Rated
voltage
(V)
Rated current (A)
AC15
(inductive
load)
AC12
(resistive
load)
DC13
(inductive
load)
DC12
(resistive
load)
10
24 VAC
10
10
---
---
110 VAC
5
10
220 VAC
3
6
380 VAC
2
3
440 VAC
1
2
24 VDC
---
---
1.5
10
110 VDC
0.5
2
220 VDC
0.2
0.6
380 VDC
0.1
0.2
Rated voltage
Rated current
Operating voltage
6 VAC/VDC
8 mA
6 VAC/VDC
±5%
12 VAC/VDC
12 VAC/VDC
±5%
24 VAC/VDC
24 VAC/VDC
±5%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com