Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A22Z-R25 Datasheet(PDF) 17 Page - Omron Electronics LLC

Part # A22Z-R25
Description  Emergency Stop Switch (22-dia./25-dia.)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22Z-R25 Datasheet(HTML) 17 Page - Omron Electronics LLC

Back Button A22Z-R25 Datasheet HTML 12Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 13Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 14Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 15Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 16Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 17Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 18Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 19Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 20Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
A22E
17
Installing/Removing the Switch Blocks
Safety Precautions
Be sure to read the precautions for All PushButton Switches in the website at:http://www.ia.omron.com/.
Indication and Meaning for Safe Use
!CAUTION
Mounting
• Always make sure that the power is turned OFF before wiring the
Switch. Also, do not touch the terminals or other current-carrying
ports while power is being supplied. Electric shock may occur.
• Do not tighten the mounting ring more than necessary using tools
such as pointed-nose pliers. Doing so will damage the mounting
ring. The tightening torque is 0.98 to 1.96 N·m.
• Recommended panel thickness: 1 to 5 mm.
• When mounting the caps after changing the LED or the caps,
tighten the caps at a tightening torque of 0.49 tp 0.78 N·m.
Mounting the Lock Plate
1. Confirm that the lever on the Mounting Latch is on the side where
the Operation Unit is secured and then insert the protrusion on the
Lock Plate into the hole in the lever on the Mounting Latch.
2. Press the hole on the Lock Plate onto the protrusion on the
Mounting Latch until it clicks into place.
(1) Installing the Switch Blocks
(2) Removing the Switch Blocks
Wiring
• Hook the small protrusion on the Mounting Latch
into the groove on the other side of the lever, then
push up the Switch Block in the direction indicated
by the arrow in the figure below.
• Insert a screwdriver between the Mounting Latch
and the Switch Block, then push down the
screwdriver in the direction indicated by the arrow
in the following figure.
• Loosen the terminal screw from the Switch
Unit until it completely comes off the groove,
insert a screwdriver as shown in the following
figure, then push up the washer in the
direction indicated by the arrow to temporarily
secure it.
Now, a round crimp terminal can be
connected. After inserting the terminal, tighten
the screws to complete wiring.
Switch block
Mounting
Latch
Lever
Protrusion
Screwdriver
Use either of the following screwdrivers.
Flat-head screwdriver
3 to 6 mm
3 to 6 mm dia.
Phillips screwdriver
Screwdriver
Washer
Screw
Indicates a potentially hazardous situation
which, if not avoided, may result in minor
or moderate injury or in property damage.
Precautions
for Safe Use
Supplementary comments on what to do
or avoid doing, to use the product safely.
Do not apply a voltage exceeding the rated voltage across
the incandescent lamp terminals.
The lamp may be destroyed and the operation unit may fly
out.
If the Operation Unit is separated from the Socket Unit, the
equipment will not stop, creating a hazardous condition.
Secure the lever on the Socket Unit by using the
A22Z-3380 Lock Plate so that the Operation Unit cannot
be easily separated from the Socket Unit.
(Refer to “Mounting the Lock Plate” at the right.)
CAUTION
Precautions for Correct Use
Lever
Operation
Unit
Mounting Latch
Lock Plate
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com