Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A22Z-R25 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # A22Z-R25
Description  Emergency Stop Switch (22-dia./25-dia.)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22Z-R25 Datasheet(HTML) 3 Page - Omron Electronics LLC

  A22Z-R25 Datasheet HTML 1Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 2Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 3Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 4Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 5Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 6Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 7Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 8Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
A22E
3
Lighted Models
* Models with Korean S-mark certification.
Note: The Operation Unit of A22E exept models with EMO/EMS indication is red. (The engraved mark is not white.)
Switch with Integrated Control Box
* Models with Korean S-mark certification.
Appearance
Operating
Push-lock turn-reset system
Color of cap
Contact configuration
Lighting
Rated voltage
Set Model
40-dia. head
Push-lock
Turn-reset without Voltage
Reduction Unit
A22E
1NC
LED
6 VAC/VDC
A22EL-M-6A-01
*
Red
12 VAC/VDC
A22EL-M-12A-01
*
24 VAC/VDC
A22EL-M-24A-01
*
1NO + 1NC
6 VAC/VDC
A22EL-M-6A-11
*
12 VAC/VDC
A22EL-M-12A-11
*
24 VAC/VDC
A22EL-M-24A-11
*
2NC (1NC + 1NC)
6 VAC/VDC
A22EL-M-6A-02
*
12 VAC/VDC
A22EL-M-12A-02
*
24 VAC/VDC
A22EL-M-24A-02
*
40-dia. head
Push-lock
Turn-reset with Voltage
Reduction
Unit
A22E
1NC
100 VAC
A22EL-M-T1-01
200 VAC
A22EL-M-T2-01
1NO + 1NC
100 VAC
A22EL-M-T1-11
200 VAC
A22EL-M-T2-11
2NC (1NC + 1NC)
100 VAC
A22EL-M-T1-02
200 VAC
A22EL-M-T2-02
Appearance
Contact configuration
Model
1NC
A22E-M-01B
*
1NO + 1NC
A22E-M-11B
*
2NC (1NC + 1NC)
A22E-M-02B
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com