Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A22Z-R25 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # A22Z-R25
Description  Emergency Stop Switch (22-dia./25-dia.)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22Z-R25 Datasheet(HTML) 1 Page - Omron Electronics LLC

  A22Z-R25 Datasheet HTML 1Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 2Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 3Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 4Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 5Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 6Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 7Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 8Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
C63I-E-01
1
Emergency Stop Switch (22-dia./25-dia.)
A22E
Install in 22-dia. or 25-dia. Panel Cutout
• Direct opening mechanism to open the circuit when the contact
welds
.
• Safety lock mechanism prevents operating errors.
• Easy mounting and removal of Switch Blocks using a lever.
• Mount three Switch Units in series to improve wiring efficiency
(with non-lighted Switch Units, three Units can be mounted for
multiple contacts).
• Finger protection mechanism on Switch Unit provided as a
standard feature.
• Install using either round, or forked crimp terminals.
• Oil-resistant to IP65 (non-lighted models)/IP65 (lighted models)
• A lock plate is provided as a standard feature to ensure that the
control box and switch are not easily separated.
Model Number Structure
Model Number Legend (Completely Assembled)........ Shipped as a set which includes the Operation Unit, Lamp
(lighted models only), and Switch.
Be sure to read the “Safety Precautions” on page 17.
L
MP
S
M
L
6A
6 VAC/VDC
12A
12 VAC/VDC
24A
24 VAC/VDC
T1
100 VAC
T2
200 VAC
01
11
02
12
03
1. Lighted/Non-lighted
Code
Description
None Non-lighted
Lighted
*
2. Head Size
Code
Push-pull
Small
30 dia.
Medium
40 dia.
Large
60 dia.
3. Light Source
Code
Operating Voltage
None
Non-lighted
---
LED
With Voltage Reduction Unit
Without Voltage Reduction Unit
4. Contacts
Code
Description
1NC
1NO + 1NC
1NO + 2NC (1NC + 1NC)
2NC (1NC + 1NC)
3NC (1NC + 1NC + 1NC)
* Lighted Emergency Stop
Switches are available only
for the medium (M).
push-lock turn-reset models.
Equipped with 24-VAC/DC LED.
None
B
5. Configuration
Code
Configuration
Switch only
Switch with Integrated
Control Box
Description
Size
Medium
40 dia.
Push-lock turn-reset
L
M
24A
01
Description
Code
Operating Voltage
LED
Description


Similar Part No. - A22Z-R25

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A22Z-R25 OMRON-A22Z-R25 Datasheet
809Kb / 19P
Specifications Common to All
A22Z-R25 OMRON-A22Z-R25 Datasheet
771Kb / 21P
Install in 22-dia. or 25-dia. Panel Cutout
A22Z-R25 OMRON-A22Z-R25 Datasheet
18Mb / 52P
Emergency Stop Pushbutton Switches (22-dia. or 25-dia.)
A22Z-R25 OMRON-A22Z-R25 Datasheet
12Mb / 40P
Emergency Stop Pushbutton Switches (22-dia. or 25-dia.) A22E/A22NE-P
A22Z-R25 OMRON-A22Z-R25 Datasheet
4Mb / 30P
Install in 22-dia. or 25-dia. Panel Cutout (When Using a Ring)
2013.1
More results

Similar Description - A22Z-R25

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
03-06-1241-V MOLEX11-03-06-1241-V Datasheet
66Kb / 1P
.062 DIA. 25 CIRCUITS RECEPT. HOUSING
logo
Omron Electronics LLC
A22-10 OMRON-A22-10 Datasheet
223Kb / 13P
Install in 22-dia. or 25-dia. Panel Cutout
A2210 OMRON-A2210 Datasheet
223Kb / 13P
Install in 22-dia. or 25-dia. Panel Cutout
A22-TN OMRON-A22-TN Datasheet
1Mb / 10P
Install in 22-dia. or 25-dia. Panel Cutout (When Using a Ring)
A22Z-3360 OMRON-A22Z-3360 Datasheet
4Mb / 30P
Install in 22-dia. or 25-dia. Panel Cutout (When Using a Ring)
A22-TG-11A OMRON-A22-TG-11A Datasheet
1Mb / 10P
Install in 22-dia. or 25-dia. Panel Cutout
M22-FR-6A OMRON-M22-FR-6A Datasheet
863Kb / 7P
Round Indicator Series with 22 dia. and 25 dia. (when using a ring)
A22E-M-02B OMRON-A22E-M-02B Datasheet
771Kb / 21P
Install in 22-dia. or 25-dia. Panel Cutout
logo
Schneider Electric
9001SKR9P1LRRH13 SCHNEIDER-9001SKR9P1LRRH13 Datasheet
71Kb / 1P
SWITCH EMERGENCY STOP
Jan 13, 2022
logo
Omron Electronics LLC
A22NE-PD OMRON-A22NE-PD Datasheet
18Mb / 52P
Emergency Stop Pushbutton Switches (22-dia. or 25-dia.)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com