Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A22Z-R25 Datasheet(PDF) 12 Page - Omron Electronics LLC

Part # A22Z-R25
Description  Emergency Stop Switch (22-dia./25-dia.)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22Z-R25 Datasheet(HTML) 12 Page - Omron Electronics LLC

Back Button A22Z-R25 Datasheet HTML 8Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 9Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 10Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 11Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 12Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 13Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 14Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 15Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 16Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
12
A22E
E-stop Shroud
A22Z-EG1, A22Z-EG1-W,A22Z-EG10,A22Z-EG10-W
Sunken
section, 0.2
Switch guard
75
2.8
20.5
63
90 dia. 78 dia.
38
52.2 max.
30 40
75 min.
(Determined by the
height of the Switch
surface in the
lock position.)
22.2 dia.
33 dia.
Panel Cutout Dimensions
Allowable panel thickness: 1 to 3 mm
5R
EMERGENCY OFF
inscription plate (t=1)
Rubber packing (t=0.5)
Rubber packing (t=0.5)
Locking ring
Mounting panel
2 1
Panel
Switch Unit
A22E-M
2.5
8
1.7R
22.3
24.2
±0.2
+0.1
0
+0.4
0
+0.5
−1.5
“EMERGENCY STOP” is indicated
on A22Z-EG1-W.
Legend plate is not provided with
A22Z-EG10 and A22Z-EG10-W.
Note: 1. The dimensions of the Shroud
conform to the specifications of
the SEMATECH Application
Guide for SEMI S2-93.
2. The Shroud is not provided with
the Switch.
12
2R
M90
35
3
20.6
22.2 dia.
2.8
79 dia.
98 dia.
105 dia.
The number of spacers depends
on the model
A22Z-EG2 : No Spacer
A22Z-EG21 : 1 Spacer
A22Z-EG22 : 2 Spacers
Detents
inside
(One on
each side)
95
+0.2
5.5
+0.2
90.3
+0.4
dia.
20
23
10
13
Panel
Panel
Spacers
Spacer
88 max.
105 max.
2NC (1NC + 1NC)
One-piece
Contact Unit
NC Contact Unit
Position of
detent
notch
Position of
detent
notch
Panel
Panel
0
0
0
With 1 Spacer
With 2 Spacers
Panel Cutout Dimensions
Mounting a 1-pole Switch Unit
*
Mounting a 2-pole Switch Unit
*
E-stop Shroud
A22Z-EG2, A22Z-EG21, A22Z-EG22
Mounting with Spacers
Note: 1. The dimensions of the Shroud conform to the
specifications of the SEMATECH Application
Guide for SEMI S2-93.
2. The Shroud is not provided with the Switch.
3. Tighten to a torque of 1.96 to 2.94 N
⋅m.
4. The allowable panel thicknesses are as follows:
Without Spacers: t=1.3 to 22.5 mm
With 1 Spacer:
t=1.3 to 12.5 mm
With 2 Spacers: t=1.3 to 2.5 mm
* These are the dimension from the front of the panel when
the Switch Unit is attached.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com