Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRI2K Datasheet(PDF) 56 Page - STMicroelectronics

Part # LRI2K
Description  2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and kill code, ISO 15693 and ISO 18000-3 Mode 1 compliant
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI2K Datasheet(HTML) 56 Page - STMicroelectronics

Back Button LRI2K Datasheet HTML 52Page - STMicroelectronics LRI2K Datasheet HTML 53Page - STMicroelectronics LRI2K Datasheet HTML 54Page - STMicroelectronics LRI2K Datasheet HTML 55Page - STMicroelectronics LRI2K Datasheet HTML 56Page - STMicroelectronics LRI2K Datasheet HTML 57Page - STMicroelectronics LRI2K Datasheet HTML 58Page - STMicroelectronics LRI2K Datasheet HTML 59Page - STMicroelectronics LRI2K Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 89 page
background image
Commands codes
LRI2K
56/89
20.8
Reset to Ready
On receiving a Reset to Ready command, the LRI2K returns to the Ready state. In the
Addressed mode, the LRI2K answers an error code only if the UID is equal to its own UID. If
not, no response is generated.
Request parameter:
●
UID (Optional)
Response parameter:
●
No parameter.
Response parameter:
●
Error code as Error_flag is set:
–
0Fh: other error
Table 41.
Reset to Ready request format
Request
SOF
Request_
flags
Reset to Ready
UID
CRC16
Request
EOF
8 bits
26h
64 bits
16 bits
Table 42.
Reset to Ready response format when Error_flag is NOT set
Response
SOF
Response_flags
CRC16
Response
EOF
8 bits
16 bits
Table 43.
Reset to ready response format when Error_flag is set
Response SOF
Response_
flags
Error code
CRC16
Response EOF
8 bits
8 bits
16 bits
Figure 47.
Reset to Ready frame exchange between VCD and LRI2K
VCD
SOF
Reset to Ready
request
EOF
LRI2K
<-t1-> SOF
Reset to Ready
response
EOF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com