Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRI2K Datasheet(PDF) 49 Page - STMicroelectronics

Part # LRI2K
Description  2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and kill code, ISO 15693 and ISO 18000-3 Mode 1 compliant
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI2K Datasheet(HTML) 49 Page - STMicroelectronics

Back Button LRI2K Datasheet HTML 45Page - STMicroelectronics LRI2K Datasheet HTML 46Page - STMicroelectronics LRI2K Datasheet HTML 47Page - STMicroelectronics LRI2K Datasheet HTML 48Page - STMicroelectronics LRI2K Datasheet HTML 49Page - STMicroelectronics LRI2K Datasheet HTML 50Page - STMicroelectronics LRI2K Datasheet HTML 51Page - STMicroelectronics LRI2K Datasheet HTML 52Page - STMicroelectronics LRI2K Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 89 page
background image
LRI2K
Commands codes
49/89
20.3
Read Single Block
On receiving the Read Single Block command, the LRI2K reads the requested block and
sends back its 32 bits value in the response. The Option_flag is supported.
Request parameters:
●
Option_flag
●
UID (Optional)
●
Block number
Response parameter:
●
Block Locking Status if Option_flag is set (see Table 26: Block Locking status)
●
4 bytes of block data
Response parameter:
●
Error code as Error_flag is set:
–
0Fh: other error
–
10h: block address not available
Table 24.
Read Single Block request format
Request
SOF
Request_flags
Read
Single
Block
UID
Block
number
CRC16
Request
EOF
8 bits
20h
64 bits
8 bits
16 bits
Table 25.
Read Single Block response format when Error_flag is NOT set
Response
SOF
Response_
flags
Block
locking
status
Data
CRC16
Response
EOF
8 bits
8 bits
32 bits
16 bits
Table 26.
Block Locking status
b7
b6
b5
b4
b3
b2
b1
b0
all 0
0: Current Block not locked
1: Current Block locked
Table 27.
Read Single Block response format when Error_flag is set
Response SOF
Response_
Flags
Error code
CRC16
Response EOF
8 bits
8 bits
16 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com