Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRI2K Datasheet(PDF) 1 Page - STMicroelectronics

Part # LRI2K
Description  2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and kill code, ISO 15693 and ISO 18000-3 Mode 1 compliant
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI2K Datasheet(HTML) 1 Page - STMicroelectronics

  LRI2K Datasheet HTML 1Page - STMicroelectronics LRI2K Datasheet HTML 2Page - STMicroelectronics LRI2K Datasheet HTML 3Page - STMicroelectronics LRI2K Datasheet HTML 4Page - STMicroelectronics LRI2K Datasheet HTML 5Page - STMicroelectronics LRI2K Datasheet HTML 6Page - STMicroelectronics LRI2K Datasheet HTML 7Page - STMicroelectronics LRI2K Datasheet HTML 8Page - STMicroelectronics LRI2K Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 89 page
background image
April 2008
Rev 7
1/89
1
LRI2K
2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and
kill code, ISO 15693 and ISO 18000-3 Mode 1 compliant
Features
■ ISO 15693 standard fully compliant
■ ISO 18000-3 Mode 1 standard fully compliant
■ 13.56 MHz ±7 kHz carrier frequency
■ To tag: 10% or 100% ASK modulation using
1/4 (26 Kbit/s) or 1/256 (1.6 Kbit/s) pulse
position coding
■ From tag: load modulation using Manchester
coding with 423 kHz and 484 kHz subcarriers
in low (6.6 Kbit/s) or high (26 Kbit/s) data rate
mode. Supports the 53 Kbit/s data rate with
Fast commands
■ Internal tuning capacitor (21 pF, 23.5 pF,
28.5 pF, 97 pF)
■ 1 000 000 Erase/Write cycles (minimum)
■ 40 year data retention (minimum)
■ 2048 bits EEPROM with Block Lock feature
■ 64-bit unique identifier (UID)
■ Electrical article surveillance capable (software
controlled)
■ Kill function
■ Read & Write (Block of 32 bits)
■ 5 ms programming time
■ Packages
–ECOPACK® (RoHS compliant)
Inlay A1
Wafer
Antenna (A7)
Antenna (A6)
UFDFPN8 (MB)
2 × 3 mm² (MLP)
www.st.com


Similar Part No. - LRI2K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LRI2K STMICROELECTRONICS-LRI2K Datasheet
760Kb / 89P
13.56 MHz, 2048-bit EEPROM tag IC with 64-bit UID and kill code, ISO 15693 and ISO 18000-3 Mode 1 compliant
20-Jul-2007
More results

Similar Description - LRI2K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LRI512 STMICROELECTRONICS-LRI512 Datasheet
351Kb / 54P
Memory TAG IC 512 bit High Endurance EEPROM 13.56MHz, ISO 15693 Standard Compliant with E.A.S.
16-Jul-2002
LRIS2K STMICROELECTRONICS-LRIS2K Datasheet
71Kb / 8P
Memory TAG IC, 64 bit UID, 2048 bit EEPROM with Password 13.56MHz, ISO15693 and ISO18000-3 Mode 1 compliant
28-Apr-2006
LRI2K STMICROELECTRONICS-LRI2K Datasheet
760Kb / 89P
13.56 MHz, 2048-bit EEPROM tag IC with 64-bit UID and kill code, ISO 15693 and ISO 18000-3 Mode 1 compliant
20-Jul-2007
LRI64 STMICROELECTRONICS-LRI64_07 Datasheet
523Kb / 52P
Memory TAG IC at 13.56 MHz, with 64-bit Unique ID and WORM user area, ISO15693 and ISO18000-3 Mode 1 compliant
19-Feb-2007
LRI64 STMICROELECTRONICS-LRI64_08 Datasheet
466Kb / 52P
Memory tag IC at 13.56 MHz, with 64-bit unique ID and WORM user area, ISO 15693 and ISO 18000-3 Mode 1 compliant
01-Apr-2008
LRIS2K STMICROELECTRONICS-LRIS2K_08 Datasheet
852Kb / 102P
2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and Password, ISO15693 and ISO18000-3 Mode 1 compliant
08-Apr-2008
logo
Maxim Integrated Produc...
MAX66100 MAXIM-MAX66100 Datasheet
223Kb / 16P
ISO 15693-Compliant 64-Bit UID Powered Entirely Through the RF Field
Rev 0; 1/11
logo
STMicroelectronics
LRI1K STMICROELECTRONICS-LRI1K Datasheet
638Kb / 86P
1024-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and kill code, ISO 15693 and ISO 18000-3 Mode 1 compliant
08-Nov-2010
LRIS2K STMICROELECTRONICS-LRIS2K_11 Datasheet
575Kb / 98P
2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and Password, ISO15693 and ISO18000-3 Mode 1 compliant
19-Sep-2011
LRIS64K STMICROELECTRONICS-LRIS64K Datasheet
710Kb / 100P
64 Kbit EEPROM tag IC at 13.56 MHz with 64-bit UID and password based on ISO/IEC 15693 and ISO/IEC 18000-3 Mode 1
27-Oct-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com