Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRI2K Datasheet(PDF) 35 Page - STMicroelectronics

Part # LRI2K
Description  2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and kill code, ISO 15693 and ISO 18000-3 Mode 1 compliant
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI2K Datasheet(HTML) 35 Page - STMicroelectronics

Back Button LRI2K Datasheet HTML 31Page - STMicroelectronics LRI2K Datasheet HTML 32Page - STMicroelectronics LRI2K Datasheet HTML 33Page - STMicroelectronics LRI2K Datasheet HTML 34Page - STMicroelectronics LRI2K Datasheet HTML 35Page - STMicroelectronics LRI2K Datasheet HTML 36Page - STMicroelectronics LRI2K Datasheet HTML 37Page - STMicroelectronics LRI2K Datasheet HTML 38Page - STMicroelectronics LRI2K Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 89 page
background image
LRI2K
Request format
35/89
13
Request format
The request consists of:
●
an SOF
●
flags
●
a command code
●
parameters and data
●
a CRC
●
an EOF
13.1
Request flags
In a request, the "flags" field specifies the actions to be performed by the LRI2K and
whether corresponding fields are present or not.
The flags field consists of eight bits.
The bit 3 (Inventory_flag) of the request flag defines the contents of the 4 MSBs (bits 5 to 8).
When bit 3 is reset (0), bits 5 to 8 define the LRI2K selection criteria.
When bit 3 is set (1), bits 5 to 8 define the LRI2K Inventory parameters.
Table 10.
General request format
S
O
F
Request flags
Command code
Parameters
Data
CRC
E
O
F
Table 11.
Definitions of request flags 1 to 4
Bit No
Flag
Level
Description
Bit 1
Subcarrier_flag(1)
1.
Subcarrier_flag refers to the LRI2K-to-VCD communication.
0
A single subcarrier frequency is used by the LRI2K
1
Two subcarriers are used by the LRI2K
Bit 2
Data_rate_flag(2)
2.
Data_rate_flag refers to the LRI2K-to-VCD communication
0
Low data rate is used
1
High data rate is used
Bit 3
Inventory flag
0
The meaning of Flags 5 to 8 is described in Table 12
1
The meaning of Flags 5 to 8 is described in Table 13
Bit 4
Protocol Extension flag
0
No Protocol format extension



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com