Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRI2K Datasheet(PDF) 11 Page - STMicroelectronics

Part # LRI2K
Description  2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and kill code, ISO 15693 and ISO 18000-3 Mode 1 compliant
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI2K Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LRI2K Datasheet HTML 7Page - STMicroelectronics LRI2K Datasheet HTML 8Page - STMicroelectronics LRI2K Datasheet HTML 9Page - STMicroelectronics LRI2K Datasheet HTML 10Page - STMicroelectronics LRI2K Datasheet HTML 11Page - STMicroelectronics LRI2K Datasheet HTML 12Page - STMicroelectronics LRI2K Datasheet HTML 13Page - STMicroelectronics LRI2K Datasheet HTML 14Page - STMicroelectronics LRI2K Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 89 page
background image
LRI2K
Description
11/89
1.1
Memory mapping
The LRI2K is divided into 64 blocks of 32 bits. Each block can be individually write-protected
using the Lock command.
The User area consists of blocks that are always accessible in read mode. Write operations
are possible if the addressed block is not protected. During a write operation, the 32 bits of
the block are replaced by the new 32-bit value.
The LRI2K also has a 64-bit block that is used to store the 64-bit unique identifier (UID). The
UID is compliant to the ISO 15963 description, and its value is used during the anticollision
sequence (Inventory). This block is not accessible by the user and its value is written by ST
on the production line.
The LRI2K also includes an AFI register in which the application family identifier is stored,
and a DSFID register in which the data storage family identifier used in the anticollision
algorithm is stored. The LRI2K has an additional 32-bit block in which the kill code is stored.
Table 2.
LRI2K memory map
Add
0
7 8
15 16
23
24
31
0
User area
1
User area
2
User area
3
User area
4
User area
5
User area
6
User area
7
User area
8
User area
User area
User area
User area
60
User area
61
User area
62
User area
63
User area
UID 0
UID 1
UID 2
UID 3
UID 4
UID 5
UID 6
UID 7
AFI
DSFID
Kill code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com