Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRI2K Datasheet(PDF) 65 Page - STMicroelectronics

Part # LRI2K
Description  2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and kill code, ISO 15693 and ISO 18000-3 Mode 1 compliant
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI2K Datasheet(HTML) 65 Page - STMicroelectronics

Back Button LRI2K Datasheet HTML 61Page - STMicroelectronics LRI2K Datasheet HTML 62Page - STMicroelectronics LRI2K Datasheet HTML 63Page - STMicroelectronics LRI2K Datasheet HTML 64Page - STMicroelectronics LRI2K Datasheet HTML 65Page - STMicroelectronics LRI2K Datasheet HTML 66Page - STMicroelectronics LRI2K Datasheet HTML 67Page - STMicroelectronics LRI2K Datasheet HTML 68Page - STMicroelectronics LRI2K Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 89 page
background image
LRI2K
Commands codes
65/89
20.16
Write Kill
On receiving the Write Kill command, the LRI2K writes the kill code with the data contained
in the request and reports whether the operation was successful in the response. The
Option_flag is supported. After a successful write, the kill code must be locked by a Lock Kill
command to activate the protection.
During the write cycle tW, there should be no modulation (neither 100% nor 10%).
Otherwise, the LRI2K may not correctly program the data to the memory. The tW time is
equal to t1nom + 18 × 302 µs.
Request parameters:
UID (Optional)
Kill Address (00h = Kill, other = Error)
Data
No parameter. The response is send back after the write cycle.
Response parameter:
Error code as Error_flag is set:
10h: block address not available
12h: block is locked
13h: block not programmed
Table 66.
Write Kill request format
Request
SOF
Request_
flags
Write
Kill
IC Mfg
code
UID
Kill
access
Kill code
CRC16
Request
EOF
8 bits
B1h
02h
64 bits
00h
32 bits
16 bits
Table 67.
Write Kill response format when Error_flag is NOT set
Response SOF
Response_flags
CRC16
Response EOF
8 bits
16 bits
Table 68.
Write Kill response format when Error_flag is set
Response SOF
Response_flags
Error code
CRC16
Response EOF
8 bits
8 bits
16 bits
Figure 55.
Write Kill frame exchange between VCD and LRI2K
VCD
SOF
Write Kill
request
EOF
LRI2K
<-t1-> SOF
Write Kill
response
EOF
Write sequence when
error
LRI2K
<------------ tW ------------><- t1 -> SOF
Write Kill
response
EOF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com