Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRI2K Datasheet(PDF) 19 Page - STMicroelectronics

Part # LRI2K
Description  2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and kill code, ISO 15693 and ISO 18000-3 Mode 1 compliant
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI2K Datasheet(HTML) 19 Page - STMicroelectronics

Back Button LRI2K Datasheet HTML 15Page - STMicroelectronics LRI2K Datasheet HTML 16Page - STMicroelectronics LRI2K Datasheet HTML 17Page - STMicroelectronics LRI2K Datasheet HTML 18Page - STMicroelectronics LRI2K Datasheet HTML 19Page - STMicroelectronics LRI2K Datasheet HTML 20Page - STMicroelectronics LRI2K Datasheet HTML 21Page - STMicroelectronics LRI2K Datasheet HTML 22Page - STMicroelectronics LRI2K Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 89 page
background image
LRI2K
Communications signal from LRI2K to VCD
19/89
4
Communications signal from LRI2K to VCD
The LRI2K has several modes defined for some parameters, owing to which it can operate
in different noise environments and meet different application requirements.
4.1
Load modulation
The LRI2K is capable of communication with the VCD via an inductive coupling area
whereby the carrier is loaded to generate a subcarrier with frequency fS. The subcarrier is
generated by switching a load in the LRI2K.
The load-modulated amplitude received on the VCD antenna shall be at least 10 mV when
measured as described in the test methods defined in International Standard ISO 10373-7.
4.2
Subcarrier
The LRI2K supports the one-subcarrier and two-subcarrier response formats. These
formats are selected by the VCD using the first bit in the protocol header. When one
subcarrier is used, the frequency fS1 of the subcarrier load modulation is 423.75 kHz (fC/32).
When two subcarriers are used, frequency fS1 is 423.75 kHz (fC/32), and frequency fS2 is
484.28 kHz (fC/28). When using the two-subcarrier mode, the LRI2K generates a
continuous phase relationship between fS1 and fS2.
4.3
Data rates
The LRI2K can respond using the low or the high data rate format. The selection of the data
rate is made by the VCD using the second bit in the protocol header. It also supports the x2
mode available on all the Fast commands. Table 4 shows the different data rates produced
by the LRI2K using the different response format combinations.
Table 4.
Response data rate
Data rate
One subcarrier
Two subcarriers
Low
Standard commands
6.62 kbits/s (fc/2048)
6.67 kbits/s (fc/2032)
Fast commands
13.24 kbits/s (fc/1024)
not applicable
High
Standard commands
26.48 kbits/s (fc/512)
26.69 kbits/s (fc/508)
Fast commands
52.97 kbits/s (fc/256)
not applicable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com