Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD913F1 Datasheet(PDF) 62 Page - STMicroelectronics

Part # PSD913F1
Description  Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD913F1 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button PSD913F1 Datasheet HTML 58Page - STMicroelectronics PSD913F1 Datasheet HTML 59Page - STMicroelectronics PSD913F1 Datasheet HTML 60Page - STMicroelectronics PSD913F1 Datasheet HTML 61Page - STMicroelectronics PSD913F1 Datasheet HTML 62Page - STMicroelectronics PSD913F1 Datasheet HTML 63Page - STMicroelectronics PSD913F1 Datasheet HTML 64Page - STMicroelectronics PSD913F1 Datasheet HTML 65Page - STMicroelectronics PSD913F1 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 94 page
background image
PSD9XX Family
Preliminary Information
58
APD
ALE Power
Enable Bit
Down Polarity
ALE Level
APD Counter
0
X
X
Not Counting
1
X
Pulsing
Not Counting
1
1
1
Counting (Generates PDN after 15 Clocks)
1
0
0
Counting (Generates PDN after 15 Clocks)
Table 32. APD Counter Operation
The
PSD9XX
Functional
Blocks
(cont.)
9.5.2 Other Power Saving Options
The PSD9XX offers other reduced power saving options that are independent of the
Power Down Mode. Except for the SRAM Standby and CSI input features, they are
enabled by setting bits in the PMMR0 and PMMR2 registers.
9.5.2.1 Zero Power PLD
The power and speed of the PLDs are controlled by the Turbo bit (bit 3) in the PMMR0.
By setting the bit to “1”, the Turbo mode is disabled and the PLDs consume Zero Power
current when the inputs are not switching for an extended time of 70 ns. The propagation
delay time will be increased by 10 ns after the Turbo bit is set to “1” (turned off) when the
inputs change at a composite frequency of less than 15 MHz. When the Turbo bit is set to
a “0” (turned on), the PLDs run at full power and speed. The Turbo bit affects the PLD’s
D.C. power, AC power, and propagation delay.
Note: Blocking MCU control signals with PMMR2 bits can further reduce PLD AC power
consumption.
9.5.2.2 SRAM Standby Mode (Battery Backup)
The PSD9XX supports a battery backup operation that retains the contents of the SRAM
in the event of a power loss. The SRAM has a Vstby pin (PC2) that can be connected to
an external battery. When VCC becomes lower than Vstby then the PSD will automatically
connect to Vstby as a power source to the SRAM. The SRAM Standby Current (Istby) is
typically 0.5 µA. The SRAM data retention voltage is 2 V minimum. The battery-on
indicator (Vbaton) can be routed to PC4. This signal indicates when the VCC has dropped
below the Vstby voltage, and that the SRAM is running on battery power.
9.5.2.3 The CSI Input
Pin PD2 of Port D can be configured in PSDsoft as the CSI input. When low, the signal
selects and enables the internal Flash, Boot Block, SRAM, and I/O for read or write
operations involving the PSD9XX. A high on the CSI pin will disable the Flash memory,
Boot Block, and SRAM, and reduce the PSD power consumption. However, the PLD and
I/O pins remain operational when CSI is high. Note: there may be a timing penalty when
using the CSI pin depending on the speed grade of the PSD that you are using. See the
timing parameter tSLQV in the AC/DC specs.
9.5.2.4 Input Clock
The PSD9XX provides the option to turn off the CLKIN input to the PLD AND array to
save AC power consumption. During Power Down Mode, or, if the CLKIN input is not being
used as part of the PLD logic equation, the clock should be disabled to save AC power.
The CLKIN will be disconnected from the PLD AND array setting bit 4 to a “1” in PMMR0.
9.5.2.5 MCU Control Signals
The PSD9XX provides the option to turn off the input control signals (CNTL0-2, ALE, and
DBE) to the PLD to save AC power consumption. These control signals are inputs to the
PLD AND array. During Power Down Mode, or, if any of them are not being used as part of
the PLD logic equation, these control signals should be disabled to save AC power. They
will be disconnected from the PLD AND array by setting bits 2, 3, 4, 5, and 6 to a “1” in the
PMMR2. Note that blocking MCU control signals to the GPLD will not block these signals
from reaching the memory and I/O sections of the chip.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com