Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD913F1 Datasheet(PDF) 30 Page - STMicroelectronics

Part # PSD913F1
Description  Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD913F1 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button PSD913F1 Datasheet HTML 26Page - STMicroelectronics PSD913F1 Datasheet HTML 27Page - STMicroelectronics PSD913F1 Datasheet HTML 28Page - STMicroelectronics PSD913F1 Datasheet HTML 29Page - STMicroelectronics PSD913F1 Datasheet HTML 30Page - STMicroelectronics PSD913F1 Datasheet HTML 31Page - STMicroelectronics PSD913F1 Datasheet HTML 32Page - STMicroelectronics PSD913F1 Datasheet HTML 33Page - STMicroelectronics PSD913F1 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 94 page
background image
The
PSD9XX
Functional
Blocks
(cont.)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Sec7_Prot
Sec6_Prot
Sec5_Prot
Sec4_Prot
Sec3_Prot
Sec2_Prot
Sec1_Prot Sec0_Prot
Flash Protection Register
9.1.1.9.2 Reset Instruction – PSD913F2
The Reset instruction consists of one write cycle (see Table 9). It can also be optionally
preceded by the standard two write decoding cycles (writing AAh to 555h and 55h to
AAAh).
The Reset instruction must be executed after:
1. Reading the Flash Protection status or Flash ID
2. When an error condition occurs (DQ5 goes high) during a Flash programming or erase
cycle.
The Reset instruction will reset the Flash to normal Read Mode. It may take the Flash
memory up to few msec to complete the reset cycle.
The Reset instruction is ignored when it is issued during a Flash programming or Bulk
Erase cycle. During Sector Erase cycle, the Reset instruction will abort the on going sector
erase cycle and return the Flash to normal Read Mode in up to few msec.
9.1.1.9.3 Reset Instruction – PSD934F2, PSD954F2
The Reset instruction consists of one write cycle (see Table 9). It can also be optionally
preceded by the standard two write decoding cycles (writing AAh to 555h and 55h to
AAAh).
The Reset instruction must be executed after:
1. Reading the Flash Protection status or Flash ID
2. When an error condition occurs (DQ5 goes high) during a Flash programming or erase
cycle.
The Reset instruction will immediately reset the Flash to normal Read Mode. However,
if there is an error condition (DQ5 goes high), the Flash memory will return to the Read
Mode in 25 µsec after the Reset instruction is issued.
The Reset instruction is ignored when it is issued during a Flash programming or Bulk
Erase cycle. The Reset instruction will abort the on going sector erase cycle and return the
Flash memory to normal Read Mode in 25 µsec.
Bit Definitions:
Sec<i>_Prot
1 = Main Flash Sector <i> is write protected.
Sec<i>_Prot
0 = Main Flash Sector <i> is not write protected.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Security_
***
Sec3_Prot
Sec2_Prot
Sec1_Prot Sec0_Prot
Bit
Secondary Flash Protection Register
Bit Definitions:
Sec<i>_Prot
1 = Secondary Flash Sector <i> is write protected.
Sec<i>_Prot
0 = Secondary Flash Sector <i> is not write protected.
Security_Bit
0 = Security Bit in device has not been set.
1 = Security Bit in device has been set.
Table 11. Sector Protection/Security Bit Definition
*: Not used.
PSD9XX Family
Preliminary Information
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com