Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD913F1 Datasheet(PDF) 18 Page - STMicroelectronics

Part # PSD913F1
Description  Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD913F1 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button PSD913F1 Datasheet HTML 14Page - STMicroelectronics PSD913F1 Datasheet HTML 15Page - STMicroelectronics PSD913F1 Datasheet HTML 16Page - STMicroelectronics PSD913F1 Datasheet HTML 17Page - STMicroelectronics PSD913F1 Datasheet HTML 18Page - STMicroelectronics PSD913F1 Datasheet HTML 19Page - STMicroelectronics PSD913F1 Datasheet HTML 20Page - STMicroelectronics PSD913F1 Datasheet HTML 21Page - STMicroelectronics PSD913F1 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 94 page
background image
PSD9XX Family
Preliminary Information
14
Table 7 shows the offset addresses to the PSD9XX registers relative to the CSIOP base
address. The CSIOP space is the 256 bytes of address that is allocated by the user to the
internal PSD9XX registers. Table 7 provides brief descriptions of the registers in CSIOP
space. For a more detailed description, refer to section 9.
8.0
PSD9XX
Register
Description
and Address
Offset
Register Name
Port A Port B Port C Port D Other*
Description
Data In
00
01
10
11
Reads Port pin as input,
MCU I/O input mode
Control
02
03
Selects mode between
MCU I/O or Address Out
Stores data for output
Data Out
04
05
12
13
to Port pins, MCU I/O
output mode
Direction
06
07
14
15
Configures Port pin as
input or output
Configures Port pins as
either CMOS or Open
Drive Select
08
09
16
17
Drain on some pins, while
selecting high slew rate
on other pins.
Flash Protection
C0
Read only – Flash Sector
Protection
Secondary Flash
Read only – PSD Security
Protection
C2
and Secondary Flash
Sector Protection
PMMR0
B0
Power Management
Register 0
PMMR2
B4
Power Management
Register 2
Page
E0
Page Register
Places PSD memory
VM
E2
areas in Program and/or
Data space on an
individual basis.
Table 7. Register Address Offset
*Other registers that are not part of the I/O ports.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com