Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD913F1 Datasheet(PDF) 73 Page - STMicroelectronics

Part # PSD913F1
Description  Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD913F1 Datasheet(HTML) 73 Page - STMicroelectronics

Back Button PSD913F1 Datasheet HTML 69Page - STMicroelectronics PSD913F1 Datasheet HTML 70Page - STMicroelectronics PSD913F1 Datasheet HTML 71Page - STMicroelectronics PSD913F1 Datasheet HTML 72Page - STMicroelectronics PSD913F1 Datasheet HTML 73Page - STMicroelectronics PSD913F1 Datasheet HTML 74Page - STMicroelectronics PSD913F1 Datasheet HTML 75Page - STMicroelectronics PSD913F1 Datasheet HTML 76Page - STMicroelectronics PSD913F1 Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 94 page
background image
Preliminary Information
PSD9XX Family
69
-70
-90
-15
Symbol
Parameter
Conditions
Min
Max
Min
Max
Min
Max
Unit
tLVLX
ALE or AS Pulse Width
15
20
28
tAVLX
Address Setup Time
(Note 1)
4
6
10
ns
tLXAX
Address Hold Time
(Note 1)
7
8
11
ns
tAVWL
Address Valid to Leading Edge of WR
(Notes 1 and 3)
8
15
20
ns
t SLWL
CS Valid to Leading Edge of WR
(Note 3)
12
15
20
ns
t DVWH
WR Data Setup Time
(Note 3)
25
35
45
ns
t WHDX
WR Data Hold Time
(Note 3)
4
5
5
ns
t WLWH
WR Pulse Width
(Note 3)
31
35
45
ns
tWHAX1
Trailing Edge of WR to Address Invalid
(Note 3)
6
8
10
ns
tWHAX2
Trailing Edge of WR to DPLD Address
Input Invalid
(Note 3 and 4)
0
0
0
ns
tWHPV
Trailing Edge of WR to Port Output
Valid Using I/O Port Data Register
(Note 3)
27
30
38
ns
tAVPV
Address Input Valid to Address
(Note 2)
20
25
30
ns
Output Delay
Write Timing (5 V ± 10% Versions)
Microcontroller Interface – PSD9XX AC/DC Parameters
(5V ± 10% Versions)
NOTES: 1.
Any input used to select an internal PSD9XX function.
2.
In multiplexed mode, latched addresses generated from ADIO delay to address output on any Port.
3.
WR timing has the same timing as E, LDS, UDS, WRL, and WRH signals.
4.
Address Hold Time for DPLD inputs that are used to generate chip selects for internal PSD memory.
-70
-90
-15
Fast
Slew
PT
TURBO
Rate
Symbol
Parameter
Conditions Min
Max
Min
Max
Min
Max
Aloc
OFF
(Note 1)
Unit
tPD
PLD Input Pin/Feedback
to PLD Combinatorial
20
25
32
Add 2
Add 10 Sub 2
ns
Output
tARD
PLD Array Delay
Any
11
16
22
Add 2
ns
Micro
⇔Cell
PLD Combinatorial Timing (5 V ± 10%)
NOTE: 1. Fast Slew Rate output available on PA[3:0], PB[3:0], and PD[2:0].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com