Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD913F1 Datasheet(PDF) 55 Page - STMicroelectronics

Part # PSD913F1
Description  Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD913F1 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button PSD913F1 Datasheet HTML 51Page - STMicroelectronics PSD913F1 Datasheet HTML 52Page - STMicroelectronics PSD913F1 Datasheet HTML 53Page - STMicroelectronics PSD913F1 Datasheet HTML 54Page - STMicroelectronics PSD913F1 Datasheet HTML 55Page - STMicroelectronics PSD913F1 Datasheet HTML 56Page - STMicroelectronics PSD913F1 Datasheet HTML 57Page - STMicroelectronics PSD913F1 Datasheet HTML 58Page - STMicroelectronics PSD913F1 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 94 page
background image
Preliminary Information
PSD9XX Family
51
The
PSD9XX
Functional
Blocks
(cont.)
9.4.6 Port C – Functionality and Structure
Port C can be configured to perform one or more of the following functions (see Figure 21):
t MCU I/O Mode
t PLD Input – Input to the PLDs.
t Address In – Additional high address inputs using the Input Micro
⇔Cells.
t In-System Programming – JTAG port can be enabled for programming/erase of the
PSD9XX device. (See Section 9.6 for more information on JTAG programming.)
Pins that are configured as JTAG pins in PSDsoft will not be available for other I/O
functions.
t Open Drain – Port C pins can be configured in Open Drain Mode
t Battery Backup features – PC2 can be configured as a Battery Input (Vstby) pin.
PC4 can be configured as a Battery On Indicator output
pin, indicating when Vcc is less than Vbat.
Port C does not support Address Out mode, and therefore no Control Register is required.
Pin PC7 may be configured as the DBE input in certain microcontroller interfaces.
9.4.7 Port D – Functionality and Structure
Port D has three I/O pins. See Figure 22. This port does not support Address Out mode,
and therefore no Control Register is required. Port D can be configured to perform one or
more of the following functions:
t MCU I/O Mode
t GPLD Output – Combinatorial PLD output (external chip selects)
t PLD Input – direct input to PLDs
t Slew rate – pins can be set up for fast slew rate
Port D pins can be configured in PSDsoft as input pins for other dedicated functions:
t PD0 – ALE, as address strobe input
t PD1 – CLKIN, as clock input to the PLD and APD counter
t PD2 – CSI, as active low chip select input. A high input will disable the
Flash/SRAM and CSIOP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com