Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD913F1 Datasheet(PDF) 39 Page - STMicroelectronics

Part # PSD913F1
Description  Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD913F1 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button PSD913F1 Datasheet HTML 35Page - STMicroelectronics PSD913F1 Datasheet HTML 36Page - STMicroelectronics PSD913F1 Datasheet HTML 37Page - STMicroelectronics PSD913F1 Datasheet HTML 38Page - STMicroelectronics PSD913F1 Datasheet HTML 39Page - STMicroelectronics PSD913F1 Datasheet HTML 40Page - STMicroelectronics PSD913F1 Datasheet HTML 41Page - STMicroelectronics PSD913F1 Datasheet HTML 42Page - STMicroelectronics PSD913F1 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 94 page
background image
Preliminary Information
PSD9XX Family
35
The
PSD9XX
Functional
Blocks
(cont.)
9.3 Microcontroller Bus Interface
The “no-glue logic” PSD9XX Microcontroller Bus Interface can be directly connected to
most popular microcontrollers and their control signals. Key 8-bit microcontrollers with their
bus types and control signals are shown in Table 17. The interface type is specified using
the PSDsoft.
Data
Bus
MCU
Width
CNTL0
CNTL1
CNTL2
PC7
PD0**
ADIO0
PA3-PA0 PA7-PA4
8031/8051
8
WR
RD
PSEN
*
ALE
A0
**
80C51XA
8
WR
RD
PSEN
*
ALE
A4
A3-A0
*
80C251
8
WR
PSEN
**
ALE
A0
**
80C251
8
WR
RD
PSEN
*
ALE
A0
**
80198
8
WR
RD
**
ALE
A0
**
68HC11
8
R/W
E
**
AS
A0
**
68HC05C0
8
WR
RD
**
AS
A0
**
68HC912
8
R/W
E
*
DBE
AS
A0
**
Z80
8
WR
RD
**
*
A0
D3-D0
D7-D4
Z8
8
R/W
DS
**
AS
A0
**
68330
8
R/W
DS
**
AS
A0
**
M37702M2
8
R/W
E
**
ALE
A0
D3-D0
D7-D4
Table 17. Microcontrollers and their Control Signals
**Unused CNTL2 pin can be configured as PLD input. Other unused pins (PC7, PD0, PA3-0) can be
**configured for other I/O functions.
**ALE/AS input is optional for microcontrollers with a non-multiplexed bus
9.3.1. PSD9XX Interface to a Multiplexed 8-Bit Bus
Figure 12 shows an example of a system using a microcontroller with an 8-bit multiplexed
bus and a PSD9XX. The ADIO port on the PSD9XX is connected directly to the
microcontroller address/data bus. ALE latches the address lines internally. Latched
addresses can be brought out to Port A or B. The PSD9XX drives the ADIO data bus only
when one of its internal resources is accessed and the RD input is active. Should the
system address bus exceed sixteen bits, Ports A, B, C, or D may be used as additional
address inputs.
9.3.2. PSD9XX Interface to a Non-Multiplexed 8-Bit Bus
Figure 13 shows an example of a system using a microcontroller with an 8-bit
non-multiplexed bus and a PSD9XX. The address bus is connected to the ADIO Port, and
the data bus is connected to Port A. Port A is in tri-state mode when the PSD9XX is not
accessed by the microcontroller. Should the system address bus exceed sixteen bits, Ports
B, C, or D may be used for additional address inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com