Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD913F1 Datasheet(PDF) 72 Page - STMicroelectronics

Part # PSD913F1
Description  Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD913F1 Datasheet(HTML) 72 Page - STMicroelectronics

Back Button PSD913F1 Datasheet HTML 68Page - STMicroelectronics PSD913F1 Datasheet HTML 69Page - STMicroelectronics PSD913F1 Datasheet HTML 70Page - STMicroelectronics PSD913F1 Datasheet HTML 71Page - STMicroelectronics PSD913F1 Datasheet HTML 72Page - STMicroelectronics PSD913F1 Datasheet HTML 73Page - STMicroelectronics PSD913F1 Datasheet HTML 74Page - STMicroelectronics PSD913F1 Datasheet HTML 75Page - STMicroelectronics PSD913F1 Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 94 page
background image
PSD9XX Family
Preliminary Information
68
NOTES: 1. RD timing has the same timing as DS, LDS, UDS, and PSEN signals.
2. RD and PSEN have the same timing.
3. Any input used to select an internal PSD9XX function.
4. In multiplexed mode, latched addresses generated from ADIO delay to address output on any Port.
5. RD timing has the same timing as DS, LDS, and UDS signals.
-70
-90
-15
Turbo
Symbol
Parameter
Conditions
Min
Max
Min
Max
Min
Max
Off
Unit
tLVLX
ALE or AS Pulse Width
15
20
28
ns
tAVLX
Address Setup Time
(Note 3)
4
6
10
ns
tLXAX
Address Hold Time
(Note 3)
7
8
11
ns
tAVQV
Address Valid to Data Valid
(Note 3)
70
90
150
Add 10
ns
t SLQV
CS Valid to Data Valid
75
100
150
ns
RD to Data Valid 8-Bit Bus
(Note 5)
24
32
40
ns
t RLQV
RD or PSEN to Data Valid 8-Bit Bus,
8031, 80251
(Note 2)
31
38
45
ns
t RHQX
RD Data Hold Time
(Note 1)
0
0
0
ns
tRLRH
RD Pulse Width
(Note 1)
27
32
38
ns
tRHQZ
RD to Data High-Z
(Note 1)
20
25
30
ns
tEHEL
E Pulse Width
27
32
38
ns
tTHEH
R/W Setup Time to Enable
6
10
18
ns
tELTL
R/W Hold Time After Enable
0
0
0
ns
tAVPV
Address Input Valid to Address
(Note 4)
20
25
30
ns
Output Delay
Read Timing (5 V ± 10% Versions)
Microcontroller Interface – PSD9XX AC/DC Parameters
(5V ± 10% Versions)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com