Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E2F Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # E2F
Description  Resin-case Proximity Sensor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2F Datasheet(HTML) 6 Page - Omron Electronics LLC

  E2F Datasheet HTML 1Page - Omron Electronics LLC E2F Datasheet HTML 2Page - Omron Electronics LLC E2F Datasheet HTML 3Page - Omron Electronics LLC E2F Datasheet HTML 4Page - Omron Electronics LLC E2F Datasheet HTML 5Page - Omron Electronics LLC E2F Datasheet HTML 6Page - Omron Electronics LLC E2F Datasheet HTML 7Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
E2F
6
Dimensions
Mounting Hole Dimensions
DC 3-Wire Models
AC 2-Wire Models
(Unit: mm)
Tolerance class IT16 applies to dimensions in this data sheet unless otherwise specified.
E2F-X1R5E
@
30
22
20
13
15 dia.
4
M8
× 1
*
Detection indicator (red)
Two clamping nuts
Two washers
* 3.5-dia. vinyl-insulated round cable with 3
conductors (Conductor cross section: 0.14 mm
2,
Insulator diameter: 1 mm), Standard length: 2 m
The cable can be extended up to 200 m
(separate metal conduit).
40
32
29
13
15 dia.
4
M8
× 1
*
Operation indicator (red)
Two clamping nuts
Two washers
* 3.5-dia. vinyl-insulated round cable with 2
conductors (Conductor cross section: 0.14 mm
2,
Insulator diameter: 1 mm), Standard length: 2 m
The cable can be extended up to 200 m
(separate metal conduit).
E2F-X1R5Y
@
38
27
24
17
4
M12
× 1
*
Detection indicator (red)
Two clamping nuts
* 6-dia. vinyl-insulated round cable with 3 conductors (Conductor
cross section: 0.5 mm
2, Insulator diameter: 1.9 mm), Standard
length: 2 m
The cable can be extended up to 200 m (separate metal conduit).
E2F-X2E
@
43
32
29
17
*
4
M12
× 1
Operation indicator (red)
Two clamping nuts
* 6-dia. vinyl-insulated round cable with 2 conductors (Conductor
cross section: 0.5 mm
2, Insulator diameter: 1.9 mm), Standard
length: 2 m
The cable can be extended up to 200 m (separate metal conduit).
E2F-X2Y
@
E2F-X5E
@
47
40
32
29
24
4
M18
× 1
*
Detection indicator (red)
Two clamping nuts
* 6-dia. vinyl-insulated round cable with 3 conductors (Conductor
cross section: 0.5 mm
2, Insulator diameter: 1.9 mm), Standard
length: 2 m
The cable can be extended up to 200 m (separate metal conduit).
E2F-X5Y
@
47
40
32
29
24
*
4
M18
× 1
Operation indicator (red)
Two clamping nuts
* 6-dia. vinyl-insulated round cable with 2 conductors (Conductor
cross section: 0.5 mm
2, Insulator diameter: 1.9 mm), Standard
length: 2 m
The cable can be extended up to 200 m (separate metal conduit).
E2F-X10E
@
57
50
41
38
36
*
5
M30
× 1.5
Detection indicator (red)
Two clamping nuts
* 6-dia. vinyl-insulated round cable with 3 conductors (Conductor
cross section: 0.5 mm
2, Insulator diameter: 1.9 mm), Standard
length: 2 m
The cable can be extended up to 200 m (separate metal conduit).
E2F-X10Y
@
57
50
41
38
36
*
5
M30
× 1.5
Operation indicator (red)
Two clamping nuts
* 6-dia. vinyl-insulated round cable with 2 conductors (Conductor
cross section: 0.5 mm
2, Insulator diameter: 1.9 mm), Standard
length: 2 m
The cable can be extended up to 200 m (separate metal conduit).
Model
E2F-X1R5
@@
E2F-X2
@@
E2F-X5
@@
E2F-X10
@@
F (mm)
8.5
dia.
12.5
dia.
18.5
dia.
30.5
dia.
+0.5
0
+0.5
0
+0.5
0
+0.5
0
F



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com