Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E2F Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # E2F
Description  Resin-case Proximity Sensor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2F Datasheet(HTML) 1 Page - Omron Electronics LLC

  E2F Datasheet HTML 1Page - Omron Electronics LLC E2F Datasheet HTML 2Page - Omron Electronics LLC E2F Datasheet HTML 3Page - Omron Electronics LLC E2F Datasheet HTML 4Page - Omron Electronics LLC E2F Datasheet HTML 5Page - Omron Electronics LLC E2F Datasheet HTML 6Page - Omron Electronics LLC E2F Datasheet HTML 7Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
CSM_E2F_DS_E_6_1
1
Resin-case Proximity Sensor
E2F
Proximity Sensor with Resin Case
with Superb Water Resistance
• IP68 protection.
• Mutual interference prevention with models with different
frequencies is also available.
Ordering Information
Sensors [Refer to Dimensions on page 6.]
*1. Models with different frequencies are also available. The model numbers are E2F-X
@@@5 (e.g., E2F-X5E15).
*2. Models are also available with short-circuit protection. The model numbers are E2F-X
@Y@-53 (e.g., E2F-X5Y1-53).
The power supply voltage, however, is 100 to 120 VAC.
Accessories (Order Separately)
Protective Covers
Refer to Y92
@ for details.
For the most recent information on models that have been certified for
safety standards, refer to your OMRON website.
Be sure to read Safety Precautions on
page 5.
Model
Sensing distance
Output configuration
Model
Operation mode
NO
NC
M8
DC 3-wire, NPN
E2F-X1R5E1 2M
E2F-X1R5E2 2M
AC 2-wire
E2F-X1R5Y1 2M
E2F-X1R5Y2 2M
M12
DC 3-wire, NPN
E2F-X2E1 2M
E2F-X2E2 2M
AC 2-wire
E2F-X2Y1 2M
E2F-X2Y2 2M
M18
DC 3-wire, NPN
E2F-X5E1 2M
E2F-X5E2 2M
AC 2-wire
E2F-X5Y1 2M
E2F-X5Y2 2M
M30
DC 3-wire, NPN
E2F-X10E1 2M
E2F-X10E2 2M
AC 2-wire
E2F-X10Y1 2M
E2F-X10Y2 2M
Shielded
1.5 mm
2 mm
*1
*1
*1
*1
5 mm
*1
*1
*1
*2
*1
*2
10 mm
*1
*1
*1
*2
*1
*2


Similar Part No. - E2F

ManufacturerPart #DatasheetDescription
logo
Ashcroft, Inc.
E2F ASHCROFT-E2F Datasheet
1Mb / 7P
E2F Explosion-Proof Pressure Transducer
RevI_10-25-24
E2FA3CF0200CFX0-X1L ASHCROFT-E2FA3CF0200CFX0-X1L Datasheet
1Mb / 7P
E2F Explosion-Proof Pressure Transducer
RevI_10-25-24
E2FA3CF0200CFX0-X6B ASHCROFT-E2FA3CF0200CFX0-X6B Datasheet
1Mb / 7P
E2F Explosion-Proof Pressure Transducer
RevI_10-25-24
E2FA3CF0200CFX0-X6W ASHCROFT-E2FA3CF0200CFX0-X6W Datasheet
1Mb / 7P
E2F Explosion-Proof Pressure Transducer
RevI_10-25-24
E2FA3CF0200CFX0-XNH ASHCROFT-E2FA3CF0200CFX0-XNH Datasheet
1Mb / 7P
E2F Explosion-Proof Pressure Transducer
RevI_10-25-24
More results

Similar Description - E2F

ManufacturerPart #DatasheetDescription
logo
SICK AG
WTB250-2N1251 SICK-WTB250-2N1251 Datasheet
556Kb / 7P
Photoelectric proximity sensor, Photoelectric proximity sensor,
3/15/2016
WTB250-2N1151 SICK-WTB250-2N1151 Datasheet
556Kb / 7P
Photoelectric proximity sensor, Photoelectric proximity sensor,
3/15/2016
WTB250-2N1131 SICK-WTB250-2N1131 Datasheet
551Kb / 7P
Photoelectric proximity sensor, Photoelectric proximity sensor,
3/15/2016
logo
OSRAM GmbH
SFH7741 OSRAM-SFH7741 Datasheet
334Kb / 17P
Proximity Sensor
logo
Festo Corporation.
543876 FESTO-543876 Datasheet
82Kb / 2P
Proximity sensor
546799 FESTO-546799 Datasheet
81Kb / 2P
Proximity sensor
574339 FESTO-574339 Datasheet
87Kb / 2P
Proximity sensor
574342 FESTO-574342 Datasheet
91Kb / 2P
Proximity sensor
574380 FESTO-574380 Datasheet
85Kb / 2P
Proximity sensor
2427615 FESTO-2427615 Datasheet
87Kb / 2P
Proximity sensor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com