Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E2F Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # E2F
Description  Resin-case Proximity Sensor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2F Datasheet(HTML) 4 Page - Omron Electronics LLC

  E2F Datasheet HTML 1Page - Omron Electronics LLC E2F Datasheet HTML 2Page - Omron Electronics LLC E2F Datasheet HTML 3Page - Omron Electronics LLC E2F Datasheet HTML 4Page - Omron Electronics LLC E2F Datasheet HTML 5Page - Omron Electronics LLC E2F Datasheet HTML 6Page - Omron Electronics LLC E2F Datasheet HTML 7Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
E2F
4
I/O Circuit Diagrams
Residual Output Voltage
E2F-X
@Y@ at 24 VAC
E2F-X
@Y@ at 100 VAC
E2F-X
@Y@ at 200 VAC
Output con-
figuration
Operation
mode
Model
Timing chart
Output circuit
DC 3-wire
NO
E2F-X1R5E1
E2F-X2E1
E2F-X5E1
E2F-X10E1
NC
E2F-X1R5E2
E2F-X2E2
E2F-X5E2
E2F-X10E2
AC 2-wire
NO
E2F-X1R5Y1
E2F-X2Y1
E2F-X5Y1
E2F-X10Y1
NC
E2F-X1R5Y2
E2F-X2Y2
E2F-X5Y2
E2F-X10Y2
30
25
20
15
10
5
0
OFF
1
3
5
10
30
50
100
300 500
24 VAC
VL
V
A
ON
Load current (mA)
Residual
Load
Voltage
Residual Output
Voltage
100 VAC
VL
V
A
ON
120
100
80
60
40
20
0
1
3
5
10
30
50
100
300 500
OFF
Load current (mA)
Residual output voltage
Residual
load
voltage
240
200
160
120
80
40
0
200 VAC
VL
V
A
ON
OFF
1
3
5
10
30
50
100
300 500
Load current (mA)
Residual output voltage
Residual
load
voltage
Present
Not present
Operate
Reset
High
Low
ON
OFF
Load (between brown
and black leads)
Sensing object
Detection indicator (red)
Output voltage (between
black and blue leads)
2.2
Ω
4.7 k
Ω
100
Ω
+V
Tr
*1
4.7 k
Ω
330
Ω
+V
*1
Tr
Brown
Black
*1. Load current: 200 mA max.
*2. When a transistor is connected.
Output
*2
Blue
0 V
E2F-X1R5
@
Except the E2F-X1R5
@.
Proximity
Sensor
main
circuit
Proximity
Sensor
main
circuit
Brown
Load
Load
0 V
Blue
Black
Output
*2
*1. Load current: 200 mA max.
*2. When a transistor is connected.
Present
Not present
Operate
Reset
High
Low
ON
OFF
Load (between brown
and black leads)
Sensing object
Detection indicator (red)
Output voltage (between
black and blue leads)
Present
Not present
Operate
Reset
ON
OFF
Load
Sensing object
Operation
indicator (red)
Load
Brown
Blue
Proximity
Sensor
main
circuit
Present
Not present
Operate
Reset
ON
OFF
Load
Sensing object
Operation indicator
(red)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com