Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E2F Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # E2F
Description  Resin-case Proximity Sensor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2F Datasheet(HTML) 5 Page - Omron Electronics LLC

  E2F Datasheet HTML 1Page - Omron Electronics LLC E2F Datasheet HTML 2Page - Omron Electronics LLC E2F Datasheet HTML 3Page - Omron Electronics LLC E2F Datasheet HTML 4Page - Omron Electronics LLC E2F Datasheet HTML 5Page - Omron Electronics LLC E2F Datasheet HTML 6Page - Omron Electronics LLC E2F Datasheet HTML 7Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
E2F
Safety Precautions
Refer to Warranty and Limitations of Liability.
This product is not designed or rated for ensuring
safety of persons either directly or indirectly.
Do not use it for such purposes.
Do not use this product under ambient conditions that exceed the
ratings.
● Design
Influence of Surrounding Metal
When mounting the Sensor within a metal panel, ensure that the
clearances given in the following table are maintained. Failure to
maintain these distances may cause deterioration in the performance
of the Sensor.
Influence of Surrounding Metal
(Unit: mm)
Mutual Interference
When installing Sensors face-to-face or side-by-side, ensure that the
minimum distances given in the following table are maintained.
Mutual Interference
(Unit: mm)
Note: Values in parentheses apply to Sensors operating at different
frequencies. Models numbers for Sensors with different frequencies are
E2F-X
@@@5.
● Mounting
Do not tighten the nut with excessive force.
● Maintenance and Inspection
Do not use AC 2-Wire Models in water or in locations subject to water
if the sensing surface or any other part of the Sensor is damaged,
e.g., from contact with the sensing object. Electric shock may result.
WARNING
Precautions for Correct Use
Model
Item
l
d
D
m
n
E2F-X1R5
@@
0
8
0
4.5
12
E2F-X2
@@
12
8
18
E2F-X5
@@
18
20
27
E2F-X10
@@
30
40
45
Model
Item
A
B
E2F-X1R5
@@
20
15
E2F-X2
@@
30 (20)
20 (12)
E2F-X5
@@
50 (30)
35 (18)
E2F-X10
@@
100 (50)
70 (35)
l
m
n
m
D
φd
l
A
B
Model
Torque
E2F-X1R5
@@
0.78 N·m
E2F-X2
@@
E2F-X5
@@
2 N·m
E2F-X10
@@



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com