Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E2F Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # E2F
Description  Resin-case Proximity Sensor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2F Datasheet(HTML) 3 Page - Omron Electronics LLC

  E2F Datasheet HTML 1Page - Omron Electronics LLC E2F Datasheet HTML 2Page - Omron Electronics LLC E2F Datasheet HTML 3Page - Omron Electronics LLC E2F Datasheet HTML 4Page - Omron Electronics LLC E2F Datasheet HTML 5Page - Omron Electronics LLC E2F Datasheet HTML 6Page - Omron Electronics LLC E2F Datasheet HTML 7Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
E2F
Engineering Data (Reference Value)
Sensing Area
Leakage Current
E2F-X1R5
@@/-X2@@
E2F-X5
@@/-X10@@
E2F-X
@Y@
Influence of Sensing Object Size and Material
E2F-X1R5
@@
E2F-X2
@@
E2F-X5
@@
E2F-X10
@@
Y
X
2
1
0−66
4
2
0
−2
−4
E2F-X1R5
E2F-X2
Distance Y (mm)
E2F-X1R5 Sensing Head
E2F-X2 Sensing Head
E2F-X10
E2F-X5
10
5
0
−15
15
10
5
0
−5
−10
Y
X
Distance Y (mm)
E2F-X5 Sensing Head
E2F-X10 Sensing Head
0
50
100
150
200
250
2.0
1.5
1.0
V
mA
Power supply voltage (V)
AC power
50/60 Hz
Protective resistance
Proximity
Sensor (OFF)
X
2.5
2.0
1.5
1.0
0.5
0
5
10
15
20
25
d
×
d
t = 1 mm
Side length of sensing object: d (mm)
Stainless steel
(SUS304)
Aluminum
Iron
Brass
2.4
2.2
2
1.8
1.6
1.4
1.2
1
0.8
0.6
0.4
0.2
X
0
5
10
15
20
25
d
×
d
t = 1 mm
Side length of sensing object: d (mm)
Stainless steel
(SUS304)
Aluminum
Iron
Brass
7
6
5
4
3
2
1
0
5
10
15
20
25
30
35
40
45 50
X
d
×
d
t = 1 mm
Side length of sensing object: d (mm)
Stainless steel (SUS304)
Aluminum
Iron
Brass
X
12
11
10
9
8
7
6
5
4
3
2
1
0
10
20
30
40
50
60
d
×
d
t = 1 mm
Side length of sensing object: d (mm)
Stainless steel (SUS304)
Aluminum
Iron
Brass



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com