Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E2F Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # E2F
Description  Resin-case Proximity Sensor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2F Datasheet(HTML) 2 Page - Omron Electronics LLC

  E2F Datasheet HTML 1Page - Omron Electronics LLC E2F Datasheet HTML 2Page - Omron Electronics LLC E2F Datasheet HTML 3Page - Omron Electronics LLC E2F Datasheet HTML 4Page - Omron Electronics LLC E2F Datasheet HTML 5Page - Omron Electronics LLC E2F Datasheet HTML 6Page - Omron Electronics LLC E2F Datasheet HTML 7Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
E2F
2
Ratings and Specifications
*1. The response frequency is an average value. Measurement conditions are as follows: standard sensing object, a distance of twice the standard sensing object, and
a set distance of half the sensing distance.
*2. When using the Sensor in environments subject to splashing cutting oil, deterioration may result due to the additives in the oil. The E2E is recommended in such
environments.
OMRON Test Method
Usage conditions: 10 m or less under water in natural conditions
1. No water ingress after 1 hour under water at 2 atmospheres of pressure.
2. Sensing distance and insulation resistance specifications must be met after 20 repetitions of 1 hour in 0
°C water and 1 hour in 70°C water.
Model
E2F-X1R5E
@
E2F-X1R5Y
@
E2F-X2E
@
E2F-X2Y
@
E2F-X5E
@
E2F-X5Y
@
E2F-X10E
@
E2F-X10Y
@
Item
Sensing distance
1.5 mm
±10%
2 mm
±10%
5 mm
±10%
10 mm
±10%
Set distance
0 to 1.2 mm
0 to 1.6 mm
0 to 4 mm
0 to 8 mm
Differential travel
10% max. of sensing distance
Detectable object
Ferrous metal (The sensing distance decreases with non-ferrous metal. Refer to Engineering Data on page 3.)
Standard sensing
object
Iron, 8
× 8 × 1 mm
Iron, 12
× 12 × 1 mm
Iron, 18
× 18 × 1 mm
Iron, 30
× 30 × 1 mm
Response frequency
*1
E Models: 2 kHz,
Y Models: 25 Hz
E Models: 1.5 kHz,
Y Models: 25 Hz
E Models: 600 Hz,
Y Models: 25 Hz
E Models: 400 Hz,
Y Models: 25 Hz
Power supply voltage
(operating voltage
range)
E Models: 12 to 24 VDC (10 to 30 VDC), ripple (p-p): 10% max.
Y Models: 24 to 240 VAC (20 to 264 VAC)
Current consumption
E Models: 17 mA max.
Leakage current
Y Models: 1.7 mA max. at 200 VAC (Refer to Engineering Data on page 3.)
Control
output
Load
current
E Models: 200 mA max.
Y Models: 5 to 100 mA
E Models: 200 mA max.
Y Models: 5 to 300 mA
Residual
voltage
E Models: 2 V max. (Load current: 200 mA, Cable length: 2 m)
Y Models: Refer to Engineering Data on page 4.
Indicators
E1 Models: Detection indicator (red), E2 Models: Operation indicator (red)
Y Models: Operation indicator (red)
Operation mode
(with sensing object
approaching)
E1/Y1 Models: NO
E2/Y2 Models: NC
Protection circuits
E Models: Reverse polarity protection, Load short-circuit protection, Surge suppressor; Y Models: None
Ambient
temperature range
Operating/Storage:
−25 to 70°C (with no icing or condensation)
Ambient
humidity range
Operating/Storage: 35% to 95%
Temperature influence
±10% max. of sensing distance at 23°C in the temperature range of −25 to 70°C
Voltage influence
E Models:
±2.5% max. of sensing distance at rated voltage in rated voltage ±15% range
Y Models:
±1% max. of sensing distance at rated voltage in rated voltage ±10% range
Insulation resistance
50 M
Ω min. (at 500 VDC) between current-carrying parts and case
Dielectric strength
E Models:
1,000 VAC, 50/60 Hz for 1 min between current-carrying parts and case
Y Models: (M8 Models): 2,000 VAC, 50/60 Hz for 1 min between current-carrying parts and case
(Other M8 Models):
4,000 VAC, 50/60 Hz for 1 min between current-carrying parts and case
Vibration resistance
Destruction: 10 to 55 Hz, 1.5-mm double amplitude for 2 hours each in X, Y, and Z directions
Shock resistance
Destruction: 1,000 m/s2 10 times each in X, Y, and Z directions
Degree of protection
IEC 60529 IP68, in-house standards: oil-resistant *2
Connection method
Pre-wired Models (Standard cable length: 2 m)
Weight (packed state)
Approx. 40 g
Approx. 50 g
Approx. 130 g
Approx. 170 g
Materials
Case
Polyarylate resin
Sensing
surface
Clamping
nuts
Polyacetal
Accessories
Instruction manual
Refer to the timing charts under I/O Circuit Diagrams on page 4 for details.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com