Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R3 Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # E39-R3
Description  Fine Tuning Fiber Photoelectric Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R3 Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button E39-R3 Datasheet HTML 2Page - Omron Electronics LLC E39-R3 Datasheet HTML 3Page - Omron Electronics LLC E39-R3 Datasheet HTML 4Page - Omron Electronics LLC E39-R3 Datasheet HTML 5Page - Omron Electronics LLC E39-R3 Datasheet HTML 6Page - Omron Electronics LLC E39-R3 Datasheet HTML 7Page - Omron Electronics LLC E39-R3 Datasheet HTML 8Page - Omron Electronics LLC E39-R3 Datasheet HTML 9Page - Omron Electronics LLC E39-R3 Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
E3X-NH
E3X-NH
6
Specifications
Item
General-purpose models
Timer-function models
Mark-sens-ing models
Output
NPN
PNP
NPN
PNP
NPN
Model
E3X-NH11
E3X-NH41
E3X-NH21
E3X-NH51
E3X-NHB11
Indicator
Operation indicator (orange LED), 8-level incident level indicator (green LED), 13-level threshold
indicator (red LED)
Ambient illumination
Incandescent lamp: 3,000 x max.; Sunlight: 10,000 x max.
Ambient temperature
Operating:–25
°C to 55°C (with no icing)
Storage: –40
°C to 70°C (with no icing)
Ambient humidity
Operating: 35% to 85% (with no condensation)
Insulation resistance
20 M
Ω min. (at 500 VDC)
Dielectric strength
1,000 VAC at 50/60 Hz for 1 minute
Vibration resistance
10 to 55 Hz, 1.5-mm double amplitude or 300 m/s2 (approx. 30G) for 2 hrs each in X, Y, and Z
directions
Shock resistance
500 m/s2 (approx. 50G) for 3 times each in X, Y, and Z directions
Degree of protection
IEC60529 IP50
Connection method
Prewired (standard cord length: 2 m)
Weight (packed state)
Approx. 100 g
Material
Case: PBT; Cover: Polycarbonate
Accessory
Mounting Brackets
Fiber Sheath Materials
E32-T11R, -T21R, -T22S,
-T24S, -D11R, -D21R
Copolymer vinyl chloride
E32-T11, -T21, -T16P, -D11,
-D21
Vinyl chloride
E32-L25L, -L24L
Reinforced polyethylene
Other than the above
Black polyethylene
Specifications of Models Other than those in the
Left Table
Operating ambient
temperature
–40
°C to 70°C
Operating ambient humidity
35% to 85% (with no icing)
Differential travel
(Reflective models)
20% max. of sensing distance
Degree of protection
IEC 60529 IP67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com