Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R3 Datasheet(PDF) 34 Page - Omron Electronics LLC

Part # E39-R3
Description  Fine Tuning Fiber Photoelectric Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R3 Datasheet(HTML) 34 Page - Omron Electronics LLC

Back Button E39-R3 Datasheet HTML 30Page - Omron Electronics LLC E39-R3 Datasheet HTML 31Page - Omron Electronics LLC E39-R3 Datasheet HTML 32Page - Omron Electronics LLC E39-R3 Datasheet HTML 33Page - Omron Electronics LLC E39-R3 Datasheet HTML 34Page - Omron Electronics LLC E39-R3 Datasheet HTML 35Page - Omron Electronics LLC E39-R3 Datasheet HTML 36Page - Omron Electronics LLC E39-R3 Datasheet HTML 37Page - Omron Electronics LLC E39-R3 Datasheet HTML 38Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 34 / 38 page
background image
E3X-NH
E3X-NH
34
Precautions
Be sure to heed the following precautions to fully utilize the capabilities of the E3X-NH/NHB.
General
Do not impose any voltage exceeding the rated voltage on the E3X-
NH/NHB. Do not impose 100 VAC or more on models that operate
with DC. In both cases, the E3X-NH/NHB may be damaged.
Do not short-circuit the load connected to the E3X-NH/NHB, other-
wise the E3X-NH/NHB may be damaged.
When supplying power to the E3X-NH/NHB, make sure that the po-
larity of the power is correct, otherwise the E3X-NH/NHB may be
damaged.
The load must be connected to the E3X-NH/NHB in operation,
otherwise the E3X-NH/NHB may be damaged.
Fiber Unit
Tightening Force
The tightening force applied to the Fiber Unit should be as follows:
Screw-mounting Model
Cylindrical Model
Spring mounting clip
Toothed washers
Nuts
(attachment)
Retaining screw
(M 3 max.)
Clamping torque
3 kgf
S cm max.
Fiber Units
Clamping torque
M3/M4 screw
0.78 N
S m (8 kgf S cm)
M6 screw
0.98 N
S m (10 kgf S cm)
2-mm-dia. column
0.29 N
S m (3 kgf S cm)
3-mm-dia. column
0.29 N
S m (3 kgf S cm)
E32-D14L
0.98 N
S m (10 kgf S cm)
E32-T12F
0.78 N
S m (8 kgf S cm)
E32-D12F
0.78 N
S m (8 kgf S cm)
E32-T16
0.49 N
S m (5 kgf S cm)
E32-R21
0.59 N
S m (6 kgf S cm)
E32-M21
Up to 5 mm to the tip: 0.49 N
S m
(5 kgf
S cm)
Up to 5 mm from the tip: 0.78 N
S m
(8 kgf
S cm)
E32-L25A
0.78 N
S m (8 kgf S cm)
E32-T16P
E32-T24S
E32-L24L
E32-L25L
0.29 N
S m (3 kgf S cm)
Use a proper-sized spanner.
Fiber Connection and Disconnection
The E3X-NH/NHB Amplifier has a lock button. Connect or discon-
nect the fibers to or from the E3X-NH/NHB Amplifier using the fol-
lowing procedures:
1. Connection
Lock button
Fiber
Fiber insertion mark
Remove the protective cover, insert the fiber into the Amplifier, and
lower the lock button until a click is heard.
After cutting the fiber using the E39-F4 Fiber Cutter, put an insertion
mark on the fiber as a guide for correct insertion into the Amplifier,
and then insert the fiber up to this mark.
2. Disconnection
Remove the protective cover and raise the lock lever to pull off the
fiber. (Before removing the fiber, be sure to confirm that the lock is
released so as to maintain the fiber properties.)
Protective cover
Unlocked
Locked
3. The fiber must be locked or released in a temperature range of
–10
°C to 40°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com