Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R3 Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # E39-R3
Description  Fine Tuning Fiber Photoelectric Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R3 Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button E39-R3 Datasheet HTML 4Page - Omron Electronics LLC E39-R3 Datasheet HTML 5Page - Omron Electronics LLC E39-R3 Datasheet HTML 6Page - Omron Electronics LLC E39-R3 Datasheet HTML 7Page - Omron Electronics LLC E39-R3 Datasheet HTML 8Page - Omron Electronics LLC E39-R3 Datasheet HTML 9Page - Omron Electronics LLC E39-R3 Datasheet HTML 10Page - Omron Electronics LLC E39-R3 Datasheet HTML 11Page - Omron Electronics LLC E39-R3 Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
E3X-NH
E3X-NH
8
Name
Lens-equipped Reflective Unit
Small Spot Lens
Unit
Applications
Converting through-beam sensors to reflective sensors
Detection over
0.5-mm-dia.
spots
Model
E39-F3
E39-F3A
Appearance
Reflective
Reflective
Applicable fibers
E32-T11L
E32-TC200
E32-T61
E32-T11R
E32-T11
E32-D32
With
E3X-NH11/41
Sensing
distance
(standard
object)
White
paper
10 to 300 mm*1
(20 x 20 cm)
35 to 180 mm*1
(20 x 20 cm)
25 to 120
mm
(20 x 20
cm)
35 to 180 mm*1
(20 x 20 cm)
20 mm
j)
Black
paper
---
5 to 120
mm*1
(200 x 200
cm)
5 to 80
mm*1
(200 x
200 cm)
25 to 120
mm
5 to 70 mm*1
(200 x 200 cm)
White paper 25 x
25 mm
Directivity
---
---
Differential travel
20% of sensing distance
20% of sensing
distance
Ambient temperature
E32-T61: –40
°C to 200°C (Do not exceed the operating temperature of the
fiber.)
Operating: –40
°C
to 70
°C
Material
Shaft
Brass
Aluminum
ae a
Lens
Optical glass
Optical glass
Base
Aluminum
---
Reflector
---
---
*1These values are possible when the angle of the E39-F3 is small-
est (parallel).
Name
Side-view Reflective Unit
Applications
Converting through-beam
to reflective sensor
Model
E39-F5
Appearance
Reflective
Applicable fibers
E32-TC200A
With
E3X-
NH11/41
Sensing
distance
(t
d
d
White
paper
60 mm
(10 x 10 cm)
NH11/41
(standard
object)
Black
paper
5 to 20 mm
(10 x 10 cm)
Directivity
---
Differential travel
20% of sensing distance
Ambient temperature
Operating: –40
°C to 70°C
Material
Shaft
---
ae a
Lens
---
Base
Brass
Reflector
Stainless
Beam Spot Characteristics
E39-F3A with E32-D32
Insertion distance
(mm)
Fiber
E32-D32
: Insertion
d: Focal distance
d
d: Spot diameter (mm)
1.0
0.8
0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com