Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R3 Datasheet(PDF) 35 Page - Omron Electronics LLC

Part # E39-R3
Description  Fine Tuning Fiber Photoelectric Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R3 Datasheet(HTML) 35 Page - Omron Electronics LLC

Back Button E39-R3 Datasheet HTML 30Page - Omron Electronics LLC E39-R3 Datasheet HTML 31Page - Omron Electronics LLC E39-R3 Datasheet HTML 32Page - Omron Electronics LLC E39-R3 Datasheet HTML 33Page - Omron Electronics LLC E39-R3 Datasheet HTML 34Page - Omron Electronics LLC E39-R3 Datasheet HTML 35Page - Omron Electronics LLC E39-R3 Datasheet HTML 36Page - Omron Electronics LLC E39-R3 Datasheet HTML 37Page - Omron Electronics LLC E39-R3 Datasheet HTML 38Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
E3X-NH
E3X-NH
35
Fiber Insertion
If the portion from the tip to the insertion mark of the fibers are not
inserted into the Amplifier Unit, the sensing distance will be re-
duced.
2.2-mm-dia. Fiber
Thin Fiber with the E39-F9 Attachment
Fiber with Fixed Length
12.6 mm
Fiber Unit
Amplifier Unit
Insert to the portion
from the tip to the
insertion mark of
each fiber into the
Amplifier Unit.
Amplifier Unit
Fiber Unit
12.6 mm
The portion from the tip to
the insertion mark of each
fiber into the Amplifier Unit.
12.6 mm
Amplifier Unit
The portion from the tip to
the insertion mark of each
fiber into the Amplifier Unit.
Cutting Fiber
Insert a fiber into the Fiber Cutter and determine the length of the
fiber to be cut.
Press down the Fiber Cutter in a single stroke to cut the fiber.
An insertion mark can be placed on the fiber to serve as a reference
when inserting the fiber into the Amplifier. Use the following proce-
dure.
Confirm through the Cutter hole that the fiber is inserted beyond the
insertion mark hole so that the insertion mark is properly indicated,
and then press firmly down on the Cutter.
(2)
(1)
Insert the fiber into the Amplifier up to the insertion mark. Proper fi-
ber performance will not be achieved unless the fiber is inserted all
the way to the insertion mark. (This method is applicable to stan-
dard, 2.2-mm-diameter fibers only.)
12.6
Insertion mark
2.2-dia.
The cutting holes cannot be used twice. If the same hole is used
twice, the cutting face of the fiber will be rough and the sensing dis-
tance will be reduced. Always use an unused hole.
Use either one of the two holes on the right (refer to the following
figure) to cut a thin fiber as follows:
1. An attachment is temporarily fitted to a thin fiber before
shipment.
Temporarily fitted
Thin fiber attachment (E39-F9)
2. Secure the attachment after adjusting the position of it in the
direction indicated by the arrow.
3. Insert the fiber into the E39-F4 to cut.
Three holes for
standard fiber
(2.2-mm dia.)
Cutter E39-F4
Two holes for
thin fiber
4. Finished state (proper cutting state)
Note:
Insert the fiber in the direction indicated by the arrow.
Connection
Do not pull or press the Fiber Units. The Fiber Units have a with-
stand force of 9.8 N (1 kgf) or 29.4 N (3 kgf) (pay utmost attention
because the fibers are thin).
Do not bend the Fiber Units beyond the permissible bending radius.
Do not bend the edge of the Fiber Units (excluding the E32-T
jR
and E32-D
jR).
Correct
Incorrect
Approx.
0.5 mm
20 mm mn.
Fiber unit
Amplifier unit
20 mm min.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com