Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R3 Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # E39-R3
Description  Fine Tuning Fiber Photoelectric Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R3 Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button E39-R3 Datasheet HTML 5Page - Omron Electronics LLC E39-R3 Datasheet HTML 6Page - Omron Electronics LLC E39-R3 Datasheet HTML 7Page - Omron Electronics LLC E39-R3 Datasheet HTML 8Page - Omron Electronics LLC E39-R3 Datasheet HTML 9Page - Omron Electronics LLC E39-R3 Datasheet HTML 10Page - Omron Electronics LLC E39-R3 Datasheet HTML 11Page - Omron Electronics LLC E39-R3 Datasheet HTML 12Page - Omron Electronics LLC E39-R3 Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
E3X-NH
E3X-NH
9
Spiral Tubes
Model
E39-F32A5
E39-F32A
E39-F32B5
E39-F32B
E39-F32C5
E39-F32C
E39-F32D5
E39-F32D
Appearance
End cap
Tube
Head connector C
Length (L)
500 mm
1,000 mm
500 mm
1,000 mm
500 mm
1,000 mm
500 mm
1,000 mm
Head outer diameter
(A)
6 dia.
7 dia.
8.5 dia.
Head inner diameter
(B)
M3 x 0.5, depth: 4
M4 x 0.7, depth: 4
M6 x 0.75, depth: 4
Tube outer diameter
(C)
4.6 dia.
5.6 dia.
7 dia.
Applicable fiber
E32-DC200E
E32-DC200F(4)
E32-D21
E32-TC200E
E32-TC200F(4)
E32-T21
E32-T21L
E32-TC200
E32-TC200B(4)
E32-T11
E32-T51
E32-T11L
E32-DC200
E32-DC200B(4)
E32-CC200
E32-D11
E32-D51
E32-D11L
Ambient temperature
Operating: –40
°C to 150°C (Do not exceed the operating temperature of the fiber)
Ambient humidity
Operating: 35% to 85%
Permissible bending
radius
30 mm min.
Tensile strength
Between head connector and end cap with tube: 1.5 N
S m (15 kgf S cm )
Tube: 2 N
S m (20 kgf S cm)
Compression load
Tube: 29.4 N (3 kgf)
Accessories
Name
Fiber Cutter
Fine-fiber Attachment
Fiber Connector
Sleeve Bender
Model
E39-F4
E39-F9
E39-F10
E39-F11
Appearance
3.6 dia.
3 dia.
3.8 dia.
Features
Used to cut fibers to desired
lengths
Used when inserting fine
fibers into the amp
Used to connect additional
fibers for extension
Used to bend fiber sleeves
Applicable
fiber
All models equipped with
fibers that can be trimmed.
E32-DC200E, -TC200E
E32-DC200F(4),
-TC200F(4)
E32-D21, -D21L, -D22L
E32-T21, -T21L, -T22L
E32-D32, -T22
E32-D24. -T24
E32-D33
E32-R21, E32-D21R
E32-DC200, -TC200
E32-DC200B(4),
-TC200B(4)
E32-TC200A
E32-T14, -G14
E32-D11L, -T11L, -T12L
E32-D14L, -T14L
E32-T17L
E32-TC200B(4)
E32-DC200F(4),
-TC200F(4)
E32-DC9G(4)
Provided with Fiber Units
Sold Separately



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com