Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R3 Datasheet(PDF) 19 Page - Omron Electronics LLC

Part # E39-R3
Description  Fine Tuning Fiber Photoelectric Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R3 Datasheet(HTML) 19 Page - Omron Electronics LLC

Back Button E39-R3 Datasheet HTML 15Page - Omron Electronics LLC E39-R3 Datasheet HTML 16Page - Omron Electronics LLC E39-R3 Datasheet HTML 17Page - Omron Electronics LLC E39-R3 Datasheet HTML 18Page - Omron Electronics LLC E39-R3 Datasheet HTML 19Page - Omron Electronics LLC E39-R3 Datasheet HTML 20Page - Omron Electronics LLC E39-R3 Datasheet HTML 21Page - Omron Electronics LLC E39-R3 Datasheet HTML 22Page - Omron Electronics LLC E39-R3 Datasheet HTML 23Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
E3X-NH
E3X-NH
19
Sensitivity Adjustment (Tuning)
A. Manual-tuning (Fine Sensitivity Adjustment)
Note:
The auto-tuning function will be disabled if manual-tuning is
executed.
1. After setting the sensitivity of the E3X-NH, select the
adjustment direction with the UP/DOWN selector in the ADJ
mode.
(1)
(2)
2. Press the SET button in ADJ mode. Be sure that the threshold
changes whenever the SET button is pressed. If two
threshold indicators are ON, the threshold will be set to the
middle value between the values corresponding to these
indicators.
Press for 0.5 to 2.5 s
3. Set the mode selector to RUN.
B. Auto-tuning (Automatic Sensitivity Com-
pensation)
1. Set the mode selector to TEACH.
Press the SET button once without a sensing object in the
sensing area. Be sure that all the threshold indicators (red)
are ON. The built-in buzzer beeps once when the threshold
indicators are ON.
Press for 0.5 to 2.5 s
2. Set the mode selector to ADJ and press the SET button for
three seconds minimum. Be sure that the threshold indicator
(red) flashes. The built-in buzzer beeps continuously.
Press for 3 s min.
(2)
(1)
3. Set the mode selector to RUN. The threshold indicator (red)
will continue to flash while the the auto-tuning function is
enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com