Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R3 Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # E39-R3
Description  Fine Tuning Fiber Photoelectric Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R3 Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button E39-R3 Datasheet HTML 3Page - Omron Electronics LLC E39-R3 Datasheet HTML 4Page - Omron Electronics LLC E39-R3 Datasheet HTML 5Page - Omron Electronics LLC E39-R3 Datasheet HTML 6Page - Omron Electronics LLC E39-R3 Datasheet HTML 7Page - Omron Electronics LLC E39-R3 Datasheet HTML 8Page - Omron Electronics LLC E39-R3 Datasheet HTML 9Page - Omron Electronics LLC E39-R3 Datasheet HTML 10Page - Omron Electronics LLC E39-R3 Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
E3X-NH
E3X-NH
7
Attachments
Name
Long Distance Lens Unit
Applications
Increasing sensing distance
Model
E39-F1
Appearance
Through-beam
(separate)
Applicable fibers
E32-T11L
E32-TC200
E32-T61
E32-T11R
E32-T11
With
E3X NH11/41
Sensing distance
2,000 mm
3,000 mm
2,100 mm
2,000 mm
E3X-NH11/41
Standard object
Opaque objects: 4-mm dia. min.
Directivity
5
° to 40°
Differential travel
---
Ambient temperature
E32-T61: –40
°C to 200°C (Do not exceed the operating temperature of the fiber. )
Material
Shaft
Brass
ae a
Lens
Optical glass
Base
---
Reflector
---
Name
Side-view Unit
Applications
Changing the sensing direction at
°90
Model
E39-F2
Appearance
Through-beam
(separate)
Applicable fibers
E32-T11L
E32-TC200
E32-T11R
E32-T61/11
With
E3X NH11/41
Sensing distance
400 mm
500 mm
350 mm
400 mm
E3X-NH11/41
Standard object
Opaque objects: 3-mm dia. min.
Directivity
20
° to 60°
Differential travel
---
Ambient temperature
E32-T61: –40
°C to 200°C (Do not exceed the operating temperature of the fiber.)
Material
Shaft
Brass
ae a
Lens
Optical glass
Base
---
Reflector
---



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com