Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E32-R16 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # E32-R16
Description  Fine Tuning Fiber Photoelectric Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-R16 Datasheet(HTML) 1 Page - Omron Electronics LLC

  E32-R16 Datasheet HTML 1Page - Omron Electronics LLC E32-R16 Datasheet HTML 2Page - Omron Electronics LLC E32-R16 Datasheet HTML 3Page - Omron Electronics LLC E32-R16 Datasheet HTML 4Page - Omron Electronics LLC E32-R16 Datasheet HTML 5Page - Omron Electronics LLC E32-R16 Datasheet HTML 6Page - Omron Electronics LLC E32-R16 Datasheet HTML 7Page - Omron Electronics LLC E32-R16 Datasheet HTML 8Page - Omron Electronics LLC E32-R16 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
1
Fine Tuning Fiber Photoelectric Sensor
E3X-NH
High-precision Sensing with Auto- and
Manual-tuning
Solves All the Problems of Conventional Models
Suitable for high-precision positioning using the
fine sensitivity adjustment function.
Manual-tuning allows threshold adjustments while
sensing objects are moving.
Operation conditions can be seen at a glance
through the incident level indicators and threshold
indicators.
Auto-tuning feature incorporates an automatic
sensitivity compensation function ensuring an
optimum margin for changes in sensing objects or
ambient environments.
Offers the longest sensing distance.
Newly added mark-sensing models (blue LED).
Ordering Information
Amplifier Units
Item
General-purpose models
Timer-function models
Mark-sensing
models
Output
NPN
PNP
NPN
PNP
NPN
Model
E3X-NH11
E3X-NH41
E3X-NH21
E3X-NH51
E3X-NHB11
Appearance
Light source (Wave length)
Red LED (680 nm)
Blue LED (470 mm)
Power supply voltage
12 to 24 VDC
±10%, ripple (p-p) 10% max.
Current consumption
75 mA max.
Output
Control output
NPN open
collector,
load current:
50
A
PNP open
collector,
load current:
50
A
NPN open
collector,
load current:
50
A
PNP open
collector,
load current:
50
A
NPN open collector,
load current:
50 mA max.,
id
l
lt
Alarm output
50 mA max.,
residual voltage:
1 V max.
50 mA max.,
residual voltage:
1 V max.
50 mA max.,
residual voltage:
1 V max.
50 mA max.,
residual voltage:
1 V max.
,
residual voltage:
1 V max.
Circuit protection
Output short-circuit, reverse polarity, mutual interference prevention
Response time
1 ms max. for operation and reset respectively
Sensitivity setting
Teaching method
Fine sensitivity adjustment
Automatic or manual fine threshold adjustment (13 levels)
Timer function
---
OFF-delay timer set to 40 ms
---


Similar Part No. - E32-R16

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E32-R16 OMRON-E32-R16 Datasheet
1Mb / 64P
Optical Fiber Photoelectric Sensor
E32-R16 OMRON-E32-R16 Datasheet
1Mb / 108P
An Extensive Selection of Fiber-Optic Cables
E32-R16 2M OMRON-E32-R16 2M Datasheet
16Mb / 100P
Start with Smart! Easily select the most reliable Fiber Unit for your detection conditions.
E32-R16 5M OMRON-E32-R16 5M Datasheet
3Mb / 13P
Smart Fiber Amplifier Unit
2016.6
E32-R16 5M + E39-R1 OMRON-E32-R16 5M + E39-R1 Datasheet
2Mb / 20P
Simple Fiber Amplifier
0110
More results

Similar Description - E32-R16

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3X-NH OMRON-E3X-NH Datasheet
916Kb / 40P
Fine Tuning Fiber Photoelectric Sensor
E3X OMRON-E3X Datasheet
1Mb / 64P
Optical Fiber Photoelectric Sensor
E3X-N OMRON-E3X-N Datasheet
906Kb / 52P
Teaching Optical Fiber Photoelectric Sensor
E3SLS10XE4 OMRON-E3SLS10XE4 Datasheet
186Kb / 8P
Photoelectric Sensor
E3XA51 OMRON-E3XA51 Datasheet
205Kb / 17P
Fiber-Optic Photoelectric Sensor
E3S-5LE41 OMRON-E3S-5LE41 Datasheet
256Kb / 12P
Photoelectric Sensor
logo
SICK AG
WTB250-2N1251 SICK-WTB250-2N1251 Datasheet
556Kb / 7P
Photoelectric proximity sensor, Photoelectric proximity sensor,
3/15/2016
WTB250-2N1151 SICK-WTB250-2N1151 Datasheet
556Kb / 7P
Photoelectric proximity sensor, Photoelectric proximity sensor,
3/15/2016
WTB250-2N1131 SICK-WTB250-2N1131 Datasheet
551Kb / 7P
Photoelectric proximity sensor, Photoelectric proximity sensor,
3/15/2016
GRSE18S-N2421V SICK-GRSE18S-N2421V Datasheet
332Kb / 6P
PHOTOELECTRIC SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com