Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E32-R16 Datasheet(PDF) 22 Page - Omron Electronics LLC

Part # E32-R16
Description  Fine Tuning Fiber Photoelectric Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-R16 Datasheet(HTML) 22 Page - Omron Electronics LLC

Back Button E32-R16 Datasheet HTML 18Page - Omron Electronics LLC E32-R16 Datasheet HTML 19Page - Omron Electronics LLC E32-R16 Datasheet HTML 20Page - Omron Electronics LLC E32-R16 Datasheet HTML 21Page - Omron Electronics LLC E32-R16 Datasheet HTML 22Page - Omron Electronics LLC E32-R16 Datasheet HTML 23Page - Omron Electronics LLC E32-R16 Datasheet HTML 24Page - Omron Electronics LLC E32-R16 Datasheet HTML 25Page - Omron Electronics LLC E32-R16 Datasheet HTML 26Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
E3X-NH
E3X-NH
22
3. With sensing objects passing.
The threshold is automatically compensated within the tuning area that has been preset. When the threshold is automatically compen-
sated, the threshold indicator will be flash according to the adjusted value.
Threshold compensation
Time
*T
The threshold is compensated 1, 3, 6, 10, 15, 22, and 30 minutes after the
E3X-NH/NHB is turned on. After that, the threshold is compensated every
30-minute period.
Threshold
indicator
Large
Small
Light
*T
Note:
1. The alarm signal is output if the threshold compensation range is not within the tuning range.
2. Perform sensitivity setting again if the alarm signal is output.
Dimensions
Note:
All units are in millimeters unless otherwise indicated.
Amplifier
E3X-NH
j1
E3X-NHB11
Cord: Polyvinyl chloride-covered cord
4-mm dia. (18/0.12 dia), 4 cores
Standard length: 2 m
Weight: Approx. 100 g
Operation indicator Threshold indicators (A) (see note)
Note:
The mounting bracket can be
attached to this side.
Incident level
indicators
Two, 2.4 dia.
Two, 3.2-dia. holes
Mounting
bracket
Two, mounting holes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com