Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E32-R16 Datasheet(PDF) 15 Page - Omron Electronics LLC

Part # E32-R16
Description  Fine Tuning Fiber Photoelectric Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-R16 Datasheet(HTML) 15 Page - Omron Electronics LLC

Back Button E32-R16 Datasheet HTML 11Page - Omron Electronics LLC E32-R16 Datasheet HTML 12Page - Omron Electronics LLC E32-R16 Datasheet HTML 13Page - Omron Electronics LLC E32-R16 Datasheet HTML 14Page - Omron Electronics LLC E32-R16 Datasheet HTML 15Page - Omron Electronics LLC E32-R16 Datasheet HTML 16Page - Omron Electronics LLC E32-R16 Datasheet HTML 17Page - Omron Electronics LLC E32-R16 Datasheet HTML 18Page - Omron Electronics LLC E32-R16 Datasheet HTML 19Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 38 page
background image
E3X-NH
E3X-NH
15
Operation
Output Circuits
Output
Model
Mode
selector
State of
output
transistor
Output circuit
Timing chart
NPN
E3X-NH11
E3X-NHB11
LIGHT ON
(L/ON)
Light ON
Brown
Black
Orange
Blue
Alarm output
Control
output
Load
Load
Operation indicator (orange)
8-level in-
cident
level indi-
cators
(green)
13-level
threshold
indicators
(red)
12 to
24 VDC
Photo-
electric
sensor
main
circuit
ON
OFF
ON
OFF
Light received
Light not received
Operation indicator
(orange)
Output
transistor
Load (relay)
Operate
Release
(Between brown and black)
DARK ON
(D/ON)
Dark ON
ON
OFF
ON
OFF
Light received
Light not received
Operation indicator
(orange)
Output
transistor
Load (relay)
Operate
Release
(Between brown and black)
E3X-NH21
LIGHT ON
(L/ON)
Light ON
Brown
Black
Orange
Blue
Alarm output
Control
output
Load
Load
Operation indicator (orange)
8-level in-
cident
level indi-
cators
(green)
13-level
threshold
indicators
(red)
12 to
24 VDC
Photo-
electric
sensor
main
circuit
ON
OFF
ON
OFF
Light received
Light not received
Operation indicator
(orange)
Output
transistor
Load (relay)
Operate
Release
T: OFF-delay timer set to 40 ms
DARK ON
(D/ON)
Dark ON
Blue
ON
OFF
ON
OFF
Light received
Light not received
Operation indicator
(orange)
Output
transistor
Load (relay)
Operate
Release
T: OFF-delay timer set to 40 ms
PNP
E3X-NH41
LIGHT ON
(L/ON)
Light ON
Load
Load
Brown
Black
Orange
Blue
Control output
Alarm
output
12 to 24 VDC
Operation indicator (orange)
8-level in-
cident
level indi-
cators
(green)
13-level
threshold
indicators
(red)
Photo-
electric
sensor
main
circuit
ON
OFF
ON
OFF
Light received
Light not received
Operation indicator
(orange)
Output
transistor
Load (relay)
Operate
Release
(Between blue and black)
DARK ON
(D/ON)
Dark ON
Blue
ON
OFF
ON
OFF
Light received
Light not received
Operation indicator
(orange)
Output
transistor
Load (relay)
Operate
Release
(Between blue and black)
E3X-NH51
LIGHT ON
(L/ON)
Light ON
Load
Brown
Black
Control output
Alarm
output
12 to 24 VDC
Operation indicator (orange)
8-level in-
cident
level indi-
cators
(green)
13-level
threshold
indicators
(red)
Photo-
electric
sensor
main
circuit
ON
OFF
ON
OFF
Light received
Light not received
Operation indicator
(orange)
Output
transistor
Load (relay)
Operate
Release
T: OFF-delay timer set to 40 ms
DARK ON
(D/ON)
Dark ON
Load
Orange
Blue
circuit
ON
OFF
ON
OFF
Light received
Light not received
Operation indicator
(orange)
Output
transistor
Load (relay)
Operate
Release
T: OFF-delay timer set to 40 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com