Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E32-R16 Datasheet(PDF) 18 Page - Omron Electronics LLC

Part # E32-R16
Description  Fine Tuning Fiber Photoelectric Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-R16 Datasheet(HTML) 18 Page - Omron Electronics LLC

Back Button E32-R16 Datasheet HTML 14Page - Omron Electronics LLC E32-R16 Datasheet HTML 15Page - Omron Electronics LLC E32-R16 Datasheet HTML 16Page - Omron Electronics LLC E32-R16 Datasheet HTML 17Page - Omron Electronics LLC E32-R16 Datasheet HTML 18Page - Omron Electronics LLC E32-R16 Datasheet HTML 19Page - Omron Electronics LLC E32-R16 Datasheet HTML 20Page - Omron Electronics LLC E32-R16 Datasheet HTML 21Page - Omron Electronics LLC E32-R16 Datasheet HTML 22Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
E3X-NH
E3X-NH
18
If teaching is NG:
The threshold indicator (red) flashes. The built-in buzzer
beeps 3 times.
Change the position of the object and the sensing distance
that have been set and repeat from the beginning.
Through-beam Model
Reflective Model
Reflective Model
Light is received.
Mark
Base
Press again once for 0.5 to 2.5 s
3. Set the mode selector to RUN. Be sure that the middle
threshold indicator is ON, which means the threshold will be
set to the middle between the values obtained with and
without the sensing object.
3. Positioning/No-object Teaching
1. Set the mode selector to TEACH.
Press the SET button once without a sensing object in the
sensing area. Be sure that all the threshold indicators (red)
are ON. The built-in buzzer beeps once when the threshold
indicators are ON.
Press once for 0.5 to 2.5 s
2. Set the mode selector to RUN. The threshold is set
automatically.
Use the manual tuning
function for making fine
adjustments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com