Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E32-R16 Datasheet(PDF) 17 Page - Omron Electronics LLC

Part # E32-R16
Description  Fine Tuning Fiber Photoelectric Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-R16 Datasheet(HTML) 17 Page - Omron Electronics LLC

Back Button E32-R16 Datasheet HTML 13Page - Omron Electronics LLC E32-R16 Datasheet HTML 14Page - Omron Electronics LLC E32-R16 Datasheet HTML 15Page - Omron Electronics LLC E32-R16 Datasheet HTML 16Page - Omron Electronics LLC E32-R16 Datasheet HTML 17Page - Omron Electronics LLC E32-R16 Datasheet HTML 18Page - Omron Electronics LLC E32-R16 Datasheet HTML 19Page - Omron Electronics LLC E32-R16 Datasheet HTML 20Page - Omron Electronics LLC E32-R16 Datasheet HTML 21Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
E3X-NH
E3X-NH
17
Sensitivity Setting (Teaching)
Note:
The sensitivity of the E3X-NH/NHB is factory-set to maximum. When resetting the sensitivity of the E3X-NH to maximum after with/
without-object teaching or positioning/no-object teaching, follow the steps described below.
1. Maximum Sensitivity Setting
1. Set the mode selector to TEACH.
Press the SET button for three seconds minimum. Be sure
that all the threshold indicators (red) are ON. The built-in
buzzer beeps once when the threshold indicators are ON.
Press for 3 s min.
2. The sensitivity will be set when the built-in buzzer beeps
continuously and all the incident level indicators (green) are
ON.
3. Set the mode selector to RUN. Be sure that only the bottom
threshold indicator is ON.
2. With/Without-object Teaching
1. Set the mode selector to TEACH.
Locate the sensing object in the sensing area and press the
SET button once. Be sure that all the threshold indicators
(red) are ON. The built-in buzzer beeps once when the
threshold indicators are ON.
Press once for 0.5 to 2.5 s
Through-beam Model
Reflective Model
Reflective Model
Light is in-
terrupted.
Mark
Base
2. Move the object and press the SET button.
If teaching is OK:
All the incident level indicators (green) are ON. The built-in
buzzer beeps once.
Press once for 0.5 to 2.5 s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com