Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E32-R16 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # E32-R16
Description  Fine Tuning Fiber Photoelectric Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-R16 Datasheet(HTML) 3 Page - Omron Electronics LLC

  E32-R16 Datasheet HTML 1Page - Omron Electronics LLC E32-R16 Datasheet HTML 2Page - Omron Electronics LLC E32-R16 Datasheet HTML 3Page - Omron Electronics LLC E32-R16 Datasheet HTML 4Page - Omron Electronics LLC E32-R16 Datasheet HTML 5Page - Omron Electronics LLC E32-R16 Datasheet HTML 6Page - Omron Electronics LLC E32-R16 Datasheet HTML 7Page - Omron Electronics LLC E32-R16 Datasheet HTML 8Page - Omron Electronics LLC E32-R16 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
E3X-NH
E3X-NH
3
Indicates models that allow free cutting. Models without this mark do not allow free cutting.
: E3X-NH
j
: E3X-NHB
j
Applicatio
n
Features
Appearance
Sensing distance (mm) *1
(Values in parentheses: when
using the E39-F1 Lens Unit)
Standard
object
(min. sensing
object:
opaque)
Model
Permis-
sible
bending
radius
Chemical-
resistant
PTFE-covered*4; withstands
chemicals and harsh
environments
(operating ambient temperature:
–30
_C to 70_C)
5-mm dia.
1,600
220
4.0-mm dia.
(0.12-mm dia.)
E32-T12F
40 mm
PTFE covered*4 ; side-view;
withstands chemicals and harsh
environments (operating ambient
temperature: –30
_C to 70_C)
5-mm dia.
200
3.0-mm dia.
(0.12-mm dia.)
E32-T14F
Heat-resis
tant
Resists 150
°C*3; fiber sheath
material: fluororesin (operating
ambient temperature: –40
_C to
150
_C)
M4 screw
400
35
1.5-mm dia.
(0.4-mm dia.)
E32-T51
35 mm
Side-view; resists 150
°C*3 ;
suitable for detecting minute
sensing objects; fiber sheath
material: fluororesin (operating
ambient temperature: –40
_C to
150
_C)
2-mm dia.
130
1.0-mm dia.
(0.16-mm dia.)
E32-T54
Resists 300
°C*5, with spiral tube;
high mechanical strength; fiber
sheath material: stainless steel
(operating ambient temperature:
–40
_C to 300_C)
M4 screw
300
(3,000)
1.0-mm dia.
(0.12-mm dia.)
E32-T61
25 mm
Resists 200
°C*5; L-shaped; fiber
sheath material: stainless steel
700
1.7-mm dia.
(0.12-mm dia.)
E32-T84S
Slot
Suitable for film sheet detection;
no optical axis adjustment
required; easy to mount
10
4.0-mm dia.
(0.16-mm dia.)
E32-G14
25 mm
Narrow
vision
field
Suitable for detecting wafers;
3-mm dia.
1,000
1.7-mm dia.
(0.08-mm dia.)
E32-T22S
10 mm
Side-view; suitable for detecting
wafers;
3.5 x 3 mm dia.
700
2-mm dia.
(0.04-mm dia.)
E32-T24S
Area
sensing
through-b
eam
Multi-point
sensing (4-head)
M3 screw
300
2.0-mm dia.
(0.04-mm dia.)
E32-M21
25 mm
Stable for detecting minute
sensing objects in a wide area;
degree of protection: IEC60529
IP50
600
(0.4-mm
dia.)*6
E32-T16P
10 mm
Suitable for detecting over a
10-mm area; long distance
10 mm
1,500
700
(2.0-mm
dia.)*6
E32-T16
25 mm
Note:
1. For common specifications of the Fiber Unit, refer to page 6.
2. The size of standard sensing object is the same as the fiber core diameter (lens diameter for models with lens).
3. The sensing distance of the minimum sensing object indicates the rated sensing distance unless otherwise specified.
*1 Sensing distance indicates values for white paper.
*2 For continuous operation, use the products within the temperature ranging from –40
_C to 130_C.
*3 PTFE is a registered trademark of the Dupont Company and the Mitsui Dupont Chemical Company for their fluoride resin.
*4 Indicates the heat-resistant temperature at the fiber tip. For further details, refer to page 26.
*5 Indicates values for the sensing distance of 100 mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com